Electronic Components Datasheet Search
  English  ▼

X  

78D09 Datasheet(PDF) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # 78D09
Description  DescriptionThe 78DXX three-terminal positive regulators are available in the TO-252 package with several fixed output voltages making it useful in a wide range of applications.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

78D09 Datasheet(HTML) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

  78D09 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. 78D09 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Electrical Characteristics(78D24)
(Refer to the test circuits, 0 < TJ < +125°C, IO=350mA, VI=33V, unless otherwise specified,
CI = 0.33μF, CO=0.1μF)
Parameter
Symbol
Conditions
Value
Unit
Min
Typ
Max
Output Voltage
VO
IO= 5mA~350mA
VI=27~38V
22.8
24
25.2
V
Line Regulation(Note)
△V
O
IO = 200mA
Tj
=25°C
VI=27V~38V
100
mV
VI=28V~38V
50
Load Regulation(Note)
△V
O
Tj
=25°C
IO= 5mA~500mA
480
mV
IO= 5mA~200mA
240
Quiescent Current
IQ
Tj
=25°C
8.0
mA
Quiescent Current Change
△I
Q
IO=5mA~350mA
0.5
mA
IO = 200mA,VI=27~38V
0.8
Output Voltage Drift
△V /△T
IO = 5mA ,Tj = 0
~125°C
-1.2
mV/°C
Output Noise Voltage
VN
f
=10HZ~100KHZ
170
μV
Ripple Rejection
RR
f = 120Hz, VI = 28~ 38V
70
dB
Dropout Voltage
VD
T j =25°C, IO = 500mA
2
V
Short Circuit Current
ISC
T j =25
, VI= 35V
800
0
mA
Peak Current
IPK
T j
=25°C
900
mA
Notes:
Load and line regulation are specified at constant junction temperature. Change in Vo due to heating
effects must be taken into account separately. Pulse testing with low duty is used.
www.umw-ic.com
友台半导体有限公司
www.umw-ic.com
友台半导体有限公司
9
78DXX
UMW
R



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com