Electronic Components Datasheet Search
  English  ▼

X  

MBRB10150CT Datasheet(PDF) 1 Page - RFE international

Part # MBRB10150CT
Description  Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

MBRB10150CT Datasheet(HTML) 1 Page - RFE international

  MBRB10150CT Datasheet HTML 1Page - RFE international MBRB10150CT Datasheet HTML 2Page - RFE international MBRB10150CT Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
High frequency operation
High purity, high temperature epoxy encapsulation for
enhanced mechanical strength and moisture resistance
Guard ring for enhanced ruggedness and long term reliability
Meets MSL level 1, per J-STD-020, LF maximum peak of 260
Typical applications are in switching power supplies, converters,
freewheeling diodes, and reverse battery protection.
Package: TO-263
Molding compound meets UL 94 V-0 flammability
rating, RoHS-compliant
Terminals: Tin plated leads, solderable per J-STD-
002 and JESD22-B102
Polarity: As marked
PARAMETER
SYMBOL UNIT
MBRB10100CT
MBRB10150CT
MBRB10200CT
Device marking code
MBRB10100CT
MBRB10150CT
MBRB10200CT
Repetitive Peak Reverse Voltage
VRRM
0
0
2
0
5
1
0
0
1
V
Average Rectified Output Current @60Hz sine
wave, R-load, Ta=25
IO
A
10
Surge(Non-repetitive)Forward Current @60Hz
half sine-wave, 1 cycle, Ta=25
IFSM
A
120
Current Squared Time @1ms t<8.3ms
Tj=25
I2t
A2s
60
Storage Temperature
Tstg
-55 ~ +175
Junction Temperature
Tj
-55 ~ +175
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
MBRB10100CT
MBRB10150CT
MBRB10200CT
Maximum instantaneous forward
voltage drop per diode
VFM
V
IFM=5.0A
9
.
0
5
8
.
0
8
.
0
Maximum DC reverse current
at rated DC blocking voltage per
diode
IRRM1
mA
VRM=VRRM
Ta=25
0.1
IRRM2
VRM=VRRM
Ta=125
20
Schottky Diodes
MBRB10100CT Through MBRB10200CT TO-263
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
PARAMETER
SYMBOL
UNIT
MBRB10100CT
MBRB10150CT
MBRB10200CT
Thermal
Resistance
Between
junction
and case
R J-C
/W
2.0
12-02-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - MBRB10150CT

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
MBRB10150CT SMC-MBRB10150CT Datasheet
192Kb / 6P
SCHOTTKY RECTIFIER
logo
Diodes Incorporated
MBRB10150CT DIODES-MBRB10150CT Datasheet
280Kb / 5P
10A SCHOTTKY BARRIER RECTIFIER
Rev 4
logo
GOOD-ARK Electronics
MBRB10150CT GOOD-ARK-MBRB10150CT Datasheet
500Kb / 7P
Product Specification
logo
Jiangsu Changjiang Elec...
MBRB10150CT JIANGSU-MBRB10150CT Datasheet
1Mb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Surge Components
MBRB10150CT SURGE-MBRB10150CT Datasheet
1Mb / 5P
Schottky Barrier Rectifier
More results

Similar Description - MBRB10150CT

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com