Electronic Components Datasheet Search
  English  ▼

X  

D50SB100 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # D50SB100
Description  ASEMI Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

D50SB100 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  D50SB100 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD D50SB100 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Max instantaneous forward voltage at 25A
VF
Weight : 0.31 ounce, 10.0 grams (approx)
IFSM
500
A
15
A
50
A
D50SB10
D50SB20
D50SB40
D50SB60
D50SB80
D50SB100
D50SB10 THRU D50SB100
CURRENT
50 Ampere
2-1
D-SB
VOLTAGE RANG
50 to 1000 Volts
www.asemi99.com
2018.11 Rev.3.1
Dimensions in millimeters(1mm =0.0394")
+
_
~ ~
+
17.5 0.5
+
30.0 0.3
5
+
20.0 0.3
+
4 0.2
+
2.2 0.2
+
2.5 0.2
+
1.0 0.1
+
10 0.2
+
7.5 0.2
+
4.6 0.2
+
3.6 0.2
+
3.5 0.2
+
3.2 0.2
+
0.7 0.1
+
11.0 0.2
+
2.7 0.2
+
7.5 0.2
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High case dielectric strength of 1500VRMS
Ideal for printed circuit boards
High surge current capability
Mechanical Data
Case : Molded plastic body over passivated junctions
Terminals : Plated leads solderable per MIL-STD-750,
Method 2026
Polarity : Polarity symbols molded on body
Mounting Position : Any(3)
Mounting Torque : 5 in-lbs max.
Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Notes:
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on P.C.B. without heatsink
Parameter Symbol
Symbol
Unit
Maximum repetitive voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum DC reverse current TA=25 ℃                                                 
5
at rated DC blocking voltage TA=125℃
IR
500
µA
Maximum average
forward rectified
output current at
With heatsink Tc=100℃
(
1)
Without heatsink Ta=25℃
(
2)
Io
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
Rating of fusing (t<8.3ms)
I
2
t
660
A2sec
Dielectric strength terminals to case, AC 1
minute Current 1mA
Vdia
2.5
KV
1.
05
V
Operating junction temperature
TJ
-55~150
℃
Maximum thermal on P.C.B. without heat-sink
RθJA
22
resistance per leg on Al plate heat-sink
RθJC
0.8
℃
/W
Storage temperature
Tstg
-55~150
℃
Mounting torque
Tor
Rating Torque : 0.8(Suggests 0.45~0.65)
N.m
ASEMI Bridge Rectifier
Component Index, file number SZXEC1902259902
This series is SGS listed under the Recognized


Similar Part No. - D50SB100

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
D50 OHMITE-D50 Datasheet
261Kb / 2P
Rugged lead free vitreous enamel coating
logo
EIC discrete Semiconduc...
D50 EIC-D50 Datasheet
112Kb / 1P
BI-DIRECTIONAL TRIGGER DIACS
Rev. 01 : March 03, 2021
logo
Tyco Electronics
D50-100FR MACOM-D50-100FR Datasheet
140Kb / 1P
CABLE BREAKOUT BOOT, TWO ENTRY
D50-200FR MACOM-D50-200FR Datasheet
140Kb / 1P
CABLE BREAKOUT BOOT, TWO ENTRY
logo
Ohmite Mfg. Co.
D500 OHMITE-D500 Datasheet
261Kb / 2P
Rugged lead free vitreous enamel coating
More results

Similar Description - D50SB100

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
DB107 ASEMI-DB107 Datasheet
171Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ610 ASEMI-GBJ610 Datasheet
114Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBP310 ASEMI-KBP310 Datasheet
112Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC810 ASEMI-KBPC810 Datasheet
94Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU610 ASEMI-KBU610 Datasheet
117Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10F ASEMI-MB10F Datasheet
176Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ5010 ASEMI-GBJ5010 Datasheet
259Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC3510W ASEMI-KBPC3510W Datasheet
104Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU810 ASEMI-KBU810 Datasheet
115Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com