Electronic Components Datasheet Search
  English  ▼

X  

KBJ10005 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # KBJ10005
Description  1 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

KBJ10005 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  KBJ10005 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD KBJ10005 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1010
10
1006
1004
1002
1001
10005
10.0
1010
1008
1006
1004
1002
1001
10005
0
0
0
KBJ
KBJ1 005 thru KBJ1 10
1 A Single-Phase Silicon Bridge Rectifier
Rectifier Reverse Voltage 50 to 1000V
Features
Mechanical Data
Case : Molded plastic body over passivated junctions
Terminals : Plated leads solderable per MIL-STD-750,
Method 2026
Polarity : Polarity symbols molded on body
Mounting Position : Any(3)
Mounting Torque : 5 in-lbs max.
Weight : 0.26 ounce, 7.0 grams (approx)
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High case dielectric strength of 1500VRMS
Ideal for printed circuit boards
High surge current capability
Dimensions in millimeters(1mm =0.0394")
+
_
~ ~
+
17.5 0.5
+
30.0 0.3
5
+
20.0 0.3
+
4 0.2
+
2.2 0.2
+
2.5 0.2
+
1.0 0.1
+
10 0.2
+
7.5 0.2
+
4.6 0.2
+
3.6 0.2
+
3.5 0.2
+
3.2 0.2
+
0.7 0.1
+
11.0 0.2
+
2.7 0.2
+
7.5 0.2
Maximum Ratings & Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Parameter
Symbol
unit
Maximum repetitive peak reverse voltage
Maximum RMS bridge input voltage
Maximum DC blocking voltage
Maximum average forward
current at Tc=100 C
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusing ( t<8.3ms)
Typical thermal resistance per element (note 1)
Operating junction and storage temperature
range
Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20 %.
Parameter
Symbol
Unit
Maximum instantaneous forward voltage drop
per leg at 7.5 A
Maximum DC reverse current at rated TA =25 C
DC blocking voltage per element
TA =125 C
(with heatsink note1 )
rectified
(without heatsink)
VRRM
VRMS
VDC
IF(AV)
I t
2
IFSM
RthJC
TJ,
TSTG
VF
IR
50
100
200
400
800
1000
600
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
240
0.8
-55 to + 150
1.05
10.0
500
V
V
V
A
A
V
A
2
sec
3.2
240
A
C / W
KBJ
KBJ
Notes: (1) Device mounted on 300mm x 300mm x 1.6mm copper plate heatsink.
C
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
08
KBJ
.
www.asemi
99.com


Similar Part No. - KBJ10005

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
KBJ10005 SMC-KBJ10005 Datasheet
188Kb / 4P
Ideal for printed circuit board
logo
Chongqing Pingwei Enter...
KBJ10005 CHONGQING-KBJ10005 Datasheet
203Kb / 2P
SINGLE PHASE10.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
logo
DIYI Electronic Technol...
KBJ10005 DYELEC-KBJ10005 Datasheet
501Kb / 2P
Glass passivated chip junction
logo
DONGGUAN YOU FENG WEI E...
KBJ10005 YFWDIODE-KBJ10005 Datasheet
588Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Guangdong Juxing Electr...
KBJ10005 JUXING-KBJ10005 Datasheet
568Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - KBJ10005

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
KBP005 GULFSEMI-KBP005 Datasheet
3Mb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER VOLTAGE:50 TO 1000V CURRENT:2.0A
logo
Rugao Dachang Electroni...
DB101 DACHANG-DB101 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.0 A
DB151 DACHANG-DB151 Datasheet
131Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 1.5 A
GBU4A DACHANG-GBU4A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 4 A
GBU6A DACHANG-GBU6A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 6 A
GBU8A DACHANG-GBU8A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 8 A
GBU10A DACHANG-GBU10A Datasheet
155Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 50 to 1000V Forward Current 10 A
KBJ8A DACHANG-KBJ8A Datasheet
210Kb / 2P
Single-phase Silicon Bridge Rectifier Reverse Voltage 200 to 1000V Forward Current 8 A
logo
Shanghai Leiditech Elec...
DF154S LEIDITECH-DF154S Datasheet
281Kb / 2P
1.5 A Single-Phase Glass Passivated Bridge Rectifiers Rectifier Reverse Voltage 50 to 1000V
logo
ASEMI TECHNOLOGY., LTD
GBJ1010 ASEMI-GBJ1010 Datasheet
129Kb / 2P
10 A Single-Phase Silicon Bridge Rectifier Rectifier Reverse Voltage 50 to 1000V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com