Electronic Components Datasheet Search
  English  ▼

X  

KBJ8005 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # KBJ8005
Description  ASEMI Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

KBJ8005 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  KBJ8005 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD KBJ8005 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBJ
KBJ
KBJ8005 THRU KBJ810
CURRENT
8 Ampere
VOLTAGE RANG
50 to 1000 Volts
www.asemi99.com
2018.11 Rev.3.1
Features
Mechanical Data
Case : Molded plastic body over passivated junctions
Terminals : Plated leads solderable per MIL-STD-750,
Method 2026
Polarity : Polarity symbols molded on body
Mounting Position : Any(3)
Mounting Torque : 5 in-lbs max.
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High case dielectric strength of 1500VRMS
Ideal for printed circuit boards
High surge current capability
+
_
~ ~
+
25.0
0.2
+
15.0
0.3
+
17.5
0.3
+
9.5
0.2
+
4.6
0.2
+
3.6
0.2
+
4.6
0.2
+
4.6
0.2
+
3.5
0.2
7.5
+
4.6
0.2
+ 0.2
+
1.0
0.1
+
1.7
+ 0.2
4
(3x)
+
12.5
0.2
+
3.25
0.15
Dimensions in millimeters(1mm =0.0394")
Weight : 0.15 ounce, 4.0 grams (approx)
8.0
810
808
806
804
802
801
8005
810
808
806
804
802
801
8005
Maximum Ratings & Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Parameter
Symbol
Unit
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified
Tc =100 C
output current
TA =25 C
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusing ( t<8.3ms)
Maximum thermal resistance per leg
Operating junction and storage temperature
range
Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20 %.
Parameter
Symbol
Unit
Maximum instantaneous forward voltage drop
per leg at 4.0A
Maximum DC reverse current at
TA =25 C
rated DC blocking voltage per leg
TA =125 C
VRRM
VRMS
VDC
IF(AV)
I t
2
IFSM
RejA
RejC
TJ,
TSTG
VF
IR
50
100
200
400
800
1000
600
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
(1)
2.3(2)
120
60
2.6(2)
5 (1)
-55 to + 150
1.1
10
250
V
V
V
A
A
V
A
2
sec
Notes: (1)Unit case mounted on Al plate heatsink.
(2)Units mounted on P.C.B. with 0.5x0.5"(12x12mm) copper pads and 0.375"(9.5) lead length.
(3)Recommended mounting position is to bolt down on heat sink with silicone thermal compound for
maximum heat transfer with #6 screw.
A
C / W
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
KBJ
ASEMI Bridge Rectifier
2-1
Component Index, file number SZXEC1902259902
This series is SGS listed under the Recognized


Similar Part No. - KBJ8005

ManufacturerPart #DatasheetDescription
logo
RFE international
KBJ8005 RFE-KBJ8005 Datasheet
341Kb / 2P
BRIDGE RECTIFIERS 3.0 to 6.0 Amps
logo
Shenzhen Luguang Electr...
KBJ8005 LUGUANG-KBJ8005 Datasheet
142Kb / 2P
Silicon Bridge Rectifiers
logo
Nanjing International G...
KBJ8005 DGNJDZ-KBJ8005 Datasheet
158Kb / 2P
SINGLE PHASE 8.0 AMPS GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Chongqing Pingwei Enter...
KBJ8005 CHONGQING-KBJ8005 Datasheet
203Kb / 2P
SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
KBJ8005 CHONGQING-KBJ8005 Datasheet
203Kb / 2P
SINGLE PHASE8.0AMPS.GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - KBJ8005

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
DB107 ASEMI-DB107 Datasheet
171Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ610 ASEMI-GBJ610 Datasheet
114Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBP310 ASEMI-KBP310 Datasheet
112Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC810 ASEMI-KBPC810 Datasheet
94Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU610 ASEMI-KBU610 Datasheet
117Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10F ASEMI-MB10F Datasheet
176Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ5010 ASEMI-GBJ5010 Datasheet
259Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC3510W ASEMI-KBPC3510W Datasheet
104Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU810 ASEMI-KBU810 Datasheet
115Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com