Electronic Components Datasheet Search
  English  ▼

X  

WST2011 Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # WST2011
Description  Dual P-Channel 20 V (D-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

WST2011 Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  WST2011 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd WST2011 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd WST2011 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd WST2011 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd WST2011 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd WST2011 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd WST2011 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd WST2011 Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd WST2011 Datasheet HTML 9Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Dual P-Channel
20 V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (A)
a
Qg (Typ.)
-
20
0.
at VGS = - 4.5V
-
4.0
2.7 nC
0.
100 at V
GS = - 2.5 V
-
3.2
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
S2
G2
D2
P-Channel MOSFET
S1
G1
D1
P-Channel MOSFET
Notes:
a. TC = 25 °C.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
d. Maximum under steady state conditions is 150 °C/W.
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-
20
V
Gate-Source Voltage
VGS
±
12
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
-
4.0
A
TC = 70 °C
-
3.3
TA = 25 °C
-
3.6b, c
TA = 70 °C
-
3.1b, c
Pulsed Drain Current
IDM
- 12
Continuous Source-Drain Diode Current
TC = 25 °C
IS
- 1.17
TA = 25 °C
- 0.95b, c
Maximum Power Dissipation
TC = 25 °C
PD
1.4
W
TC = 70 °C
0.9
TA = 25 °C
1.14b, c
TA = 70 °C
0.73b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambientb, d
t
 5 s
RthJA
93
110
°C/W
Maximum Junction-to-Foot
Steady State
RthJF
75
90
FEATURES
•
Halogen-free According to IEC 61249-2-21
Definition
•
TrenchFET® Power MOSFET
•
100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
•
Load Switch for Portable Applications
•
Battery Switch for Portable Devices
•
Computers
- Bus Switch
- Load Switch
WST2011
www.VBsemi.com
075
服务热线:400-655-8788


Similar Part No. - WST2011

ManufacturerPart #DatasheetDescription
logo
Shenzhen Guan Hua Wei Y...
WST2011 WIINSOK-WST2011 Datasheet
670Kb / 5P
Dual P-Ch MOSFET
More results

Similar Description - WST2011

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3911DV VISHAY-SI3911DV Datasheet
47Kb / 4P
Dual P-Channel 20-V (D-S) MOSFET
18-Mar-02
SI7913DN VISHAY-SI7913DN Datasheet
67Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
13-Jun-05
SI3981DV VISHAY-SI3981DV Datasheet
86Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
29-Mar-04
SIA921EDJ VISHAY-SIA921EDJ Datasheet
124Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
02-Nov-09
SIA923EDJ VISHAY-SIA923EDJ Datasheet
120Kb / 7P
Dual P-Channel 20 V (D-S) MOSFET
19-Jul-10
SIB911DK VISHAY-SIB911DK Datasheet
232Kb / 5P
Dual P-Channel 20-V (D-S) MOSFET
14-May-07
SI9933CDY-T1-GE3 VISHAY-SI9933CDY-T1-GE3 Datasheet
276Kb / 10P
Dual P-Channel 20-V (D-S) MOSFET
04-Aug-08
SI6981DQ VISHAY-SI6981DQ_16 Datasheet
107Kb / 6P
Dual P-Channel 20-V (D-S) MOSFET
02-Jun-08
SIA911EDJ VISHAY-SIA911EDJ Datasheet
122Kb / 7P
Dual P-Channel 20-V (D-S) MOSFET
09-Mar-09
logo
VBsemi Electronics Co.,...
VB4290 VBSEMI-VB4290 Datasheet
686Kb / 9P
Dual P-Channel 20 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com