Electronic Components Datasheet Search
  English  ▼

X  

KBU810 Datasheet(PDF) 2 Page - ASEMI TECHNOLOGY., LTD

Part # KBU810
Description  ASEMI Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

KBU810 Datasheet(HTML) 2 Page - ASEMI TECHNOLOGY., LTD

  KBU810 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD KBU810 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2-2
www.asemi99.com
2018.11 Rev.3.1
Rating and Characteristic Curves ( TA=25 Unless otherwise noted )
C
o
CURRENT
8 Ampere
KBU8005 THRU KBU810
VOLTAGE RANG
50 to 1000 Volts
Fig. 1 Derating Curve for
Output Rectified Current
Fig. 3 Typical Instantaneous
Forward Characteristics
Fig. 4 Typical Reverse
Characteristics
Fig. 5 Typical Junction Capacitance
Instantaneous Forward
Voltage, Volts
Percent of Rated Peak Reverse
Voltage, %
Reverse Voltage, Volts
.01
0.1
1.0
10
100
0.6
0.7
0.8
0.9
1.0
1.1
.01
0.1
1.0
10
0
20
40
60
80
100
120
140
Tj=25 C
Pulse Width=300us
2% duty cycle
Tc=100 C
TA=25 C
1.2
1.3
4.0
40
20
0
2.0
4.0
50
100
150
0
6.0
100
1
1.5
2
10
100
10
400
Tj=25 C
f=1.0MHz
V =50mV p.p.
ing
8.0
60Hz Resistive of
Inductive Load
Mounted on 4X4 inch
copper PC board, TA
1.27 mm lead length
Heat Sink
mounting, Tc
50
Case Temperature, C
o
Fig. 2 Maximum Non-repetitive Peak
Forward Surge Current
Number of Cycles at 60HZ
100
150
200
1
10
100
50
250
300
8.3ms
Single half-sine-Wave
[JEDEC Method]
ASEMI Bridge Rectifier



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com