Electronic Components Datasheet Search
  English  ▼

X  

KBU804 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # KBU804
Description  ASEMI Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

KBU804 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  KBU804 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD KBU804 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
per leg at 4.0A
CURRENT
8 Ampere
KBU8005 THRU KBU810
VOLTAGE RANG
50 to 1000 Volts
www.asemi99.com
2018.11 Rev.3.1
Features
Mechanical Data
The plastic material used carries Underwriters
Laboratory flammability recognition 94V-0
Ideal for P.C. Board mounting
High surge current capability
High temperature soldering guaranteed 265 C /10
seconds at 5 lbs (2.3kg) tension
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-202,
Method 208
Mounting Position:: Any
Weight: 0.3 ounce, 8.0 grams (approx)
Mounting Torque: 5 in-lbs max.
Polarity: Polarity symbols molded on body
+
6.8
0.2
+
4.9
0.2
+
23.2 0.5
+
1.3
0.1
+
1.95 0.25
+
4.4
0.2
+
3.85 0.25
+
10.8 0.5
+
23.2 0.5
+
17.3 0.5
19.3
MAX.
25.4
MIN.
+
5.1 0.5
+
5.6 0.5
0
1.9 R. TYP.
(2PLACES)
+
_
~ ~
Dimensions in millimeters(1mm =0.0394")
Maximum Ratings & Thermal Characteristics
Rating at 25 C ambient temperature unless otherwise specified, Resistive or Inductive load, 60 Hz.
For Capacitive load derate current by 20%.
Parameter
Symbol
unit
Maximum repetitive peak reverse voltage
Maximum RMS bridge input voltage
Maximum DC blocking voltage
Maximum average forward rectified
output current at TA=100 C
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
Rating for fusing ( t<8.3ms)
Typical thermal resistance per element (1)
Operating junction and storage temperature
range
Electrical Characteristics
Rating at 25 C ambient temperature unless otherwise specified. Resistive or Inductive load, 60Hz.
For Capacitive load derate by 20 %.
Parameter
Symbol
Unit
Maximum instantaneous forward voltage drop
Maximum DC reverse current at rated TA =25 C
DC blocking voltage per element
TA =125 C
VRRM
VRMS
VDC
IF(AV)
I t
2
IFSM
ReJA
TJ,
TSTG
VF
IR
50
100
200
400
800
1000
600
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
300
2.7
-55 to + 150
1.1
10
500
V
V
V
A
A
V
A
2
sec
8.0
300
A
C / W
Notes: (1)Thermal resistance from Junction to Ambemt on P.C.board mounting.
KBU
8005
KBU
801
KBU
802
KBU
804
KBU
806
KBU
808
KBU
810
KBU
8005
KBU
801
KBU
802
KBU
804
KBU
806
KBU
808
KBU
810
ASEMI Bridge Rectifier
2-1
Component Index, file number SZXEC1902259902
This series is SGS listed under the Recognized


Similar Part No. - KBU804

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBU804 WTE-KBU804 Datasheet
42Kb / 3P
8.0A BRIDGE RECTIFIER
logo
Jinan Gude Electronic D...
KBU804 JGD-KBU804 Datasheet
139Kb / 2P
SINGLE PHASE 8.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Fuji Electric
KBU804 FUJI-KBU804 Datasheet
641Kb / 1P
8 AMP SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBU804 ETC1-KBU804 Datasheet
37Kb / 1P
BRIDGE RECTIFIERS
KBU804 ETC1-KBU804 Datasheet
100Kb / 1P
BRIDGE RECTIFIERS 2.0 to 8.0 Amps
More results

Similar Description - KBU804

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
DB107 ASEMI-DB107 Datasheet
171Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ610 ASEMI-GBJ610 Datasheet
114Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBU410 ASEMI-GBU410 Datasheet
101Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBP310 ASEMI-KBP310 Datasheet
112Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC810 ASEMI-KBPC810 Datasheet
94Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBU610 ASEMI-KBU610 Datasheet
117Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10F ASEMI-MB10F Datasheet
176Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
MB10M ASEMI-MB10M Datasheet
183Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
GBJ5010 ASEMI-GBJ5010 Datasheet
259Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
KBPC3510W ASEMI-KBPC3510W Datasheet
104Kb / 2P
ASEMI Bridge Rectifier
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com