Electronic Components Datasheet Search
  English  ▼

X  

MDS50 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # MDS50
Description  Three phase rectifier module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

MDS50 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  MDS50 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD MDS50 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD MDS50 Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3-1
MDS30-16 THRU MDS50-16
VOLTAGE RANG
600 to 1800 Volts
CURRENT
30~50 Ampere
www.asemi99.com
2018.11 Rev.3.1
Applications
Three phase rectifiers for power supplies
Rectifiers for DC motor field supplies
Battery charger rectifiers
Input rectifiers for variable frequency drives
Features
Three phase bridge rectifier
Blocking voltage:1200 to 1800V
Heat transfer through aluminum oxide DBC
ceramic isolated metal baseplate
Glass passivated chip
Circuit
Module Type
TYPE
VRRM
VRSM
MDS30/50JC-12
MDS30/50JC-16
MDS30/50JC-18
1200V
1600V
1800V
1300V
1700V
1900V
Maximum Ratings
Symbol
Conditions
Values
Units
ID
Three phase, full wave
Tc=100℃
30/50
A
IFSM
t=10mS Tvj =45℃
280/460
A
i2t
t=10mS Tvj =45℃
1000
A2s
Visol
a.c.50HZ;r.m.s.;1min
3000
V
Tvj
-40 to +150
℃
Tstg
-40 to +125
℃
Ms
To heatsink(M6)
5±15%
Nm
Weight
Module (Approximately)
100
g
Thermal Characteristics
Symbol
Conditions
Values
Units
Rth(j-c)
Module
0.28
℃
/W
Electrical Characteristics
Symbol
Conditions
Values
Units
Min. Typ. Max.
VFM
T=25℃ IF =50A
-
1.30
1.55
V
IRD
Tvj=25℃ VRD=VRRM
Tvj=150℃ VRD=VRRM
-
-
10
5
uA
mA
Three phase rectifier module


Similar Part No. - MDS50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MDS50 STMICROELECTRONICS-MDS50 Datasheet
399Kb / 7P
DIODE / SCR MODULE
Dec-2000
logo
Naina Semiconductor ltd...
MDS50 NAINA-MDS50 Datasheet
152Kb / 2P
Three Phase Bridge Rectifier, 50 Amps
logo
Shenzhen Luguang Electr...
MDS50 LUGUANG-MDS50 Datasheet
1Mb / 1P
Single-phase/Three-phase bridge rectifier modules
logo
STMicroelectronics
MDS50-1200 STMICROELECTRONICS-MDS50-1200 Datasheet
399Kb / 7P
DIODE / SCR MODULE
Dec-2000
logo
Kersemi Electronic Co.,...
MDS50-1200 KERSEMI-MDS50-1200 Datasheet
648Kb / 7P
DIODE / SCR MODULE
More results

Similar Description - MDS50

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDS-50 SEMPO-SMDS-50 Datasheet
390Kb / 1P
Three Phase Rectifier Module
SMDS-50H SEMPO-SMDS-50H Datasheet
36Kb / 1P
Three Phase Rectifier Module
SMDS-75 SEMPO-SMDS-75 Datasheet
354Kb / 1P
Three Phase Rectifier Module
SMDS-75H SEMPO-SMDS-75H Datasheet
36Kb / 1P
Three Phase Rectifier Module
SMDS-100 SEMPO-SMDS-100 Datasheet
366Kb / 1P
Three Phase Rectifier Module
SMDS-100H SEMPO-SMDS-100H Datasheet
37Kb / 1P
Three Phase Rectifier Module
SMDS-130 SEMPO-SMDS-130 Datasheet
375Kb / 1P
Three Phase Rectifier Module
SMDS-200 SEMPO-SMDS-200 Datasheet
451Kb / 1P
Three Phase Rectifier Module
SMDS-250 SEMPO-SMDS-250 Datasheet
434Kb / 1P
Three Phase Rectifier Module
logo
ASEMI TECHNOLOGY., LTD
MDS50HB160 ASEMI-MDS50HB160 Datasheet
354Kb / 5P
Three phase rectifier module
2018.11 Rev.3.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com