Electronic Components Datasheet Search
  English  ▼

X  

SB1045LFCT Datasheet(PDF) 3 Page - ASEMI TECHNOLOGY., LTD

Part # SB1045LFCT
Description  10 Ampere low vf Schottky diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SB1045LFCT Datasheet(HTML) 3 Page - ASEMI TECHNOLOGY., LTD

  SB1045LFCT Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SB1045LFCT Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD SB1045LFCT Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD SB1045LFCT Datasheet HTML 4Page - ASEMI TECHNOLOGY., LTD SB1045LFCT Datasheet HTML 5Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5-3
RATING AND CHRACTERISTIC CURVES
www.asemi99.com
2018.11 Rev.3.1
T
C, Case Temperature (°C)
0
.01
0
. 1
1
10
100
20
30
40
50
60
70
80
90 100
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
VR, Reverse Bias Voltage (V)
0.01
0. 1
1
10
100
0
0.2
0.4
0.6
0.8
VF, Forward Voltage (V)
T
J = 125°C
TJ = 15 0°C
T
J = 25°C
TJ = 75°C
Percent of Rated Peak Reverse Voltage (%)
10
100
1000
10000
0
1
10
100
CURRENT
10 Ampere
10 Ampere low vf Schottky diode
VOLTAGE RANG
45 to 150 Volts
CURRENT
10 Ampere
10 Ampere low vf Schottky diode
VOLTAGE RANG
45 to 150 Volts
0
1
2
3
4
5
6
0
25
50
75
100
125
150
SB1045LCT THRU SB10150LFCT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com