Electronic Components Datasheet Search
  English  ▼

X  

SB3045LFCT Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # SB3045LFCT
Description  30 Ampere low vf Schottky diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SB3045LFCT Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SB3045LFCT Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SB3045LFCT Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD SB3045LFCT Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD SB3045LFCT Datasheet HTML 4Page - ASEMI TECHNOLOGY., LTD SB3045LFCT Datasheet HTML 5Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LCT/LFCT
LCT/LFCT
LCT/LFCT
LCT/LFCT
SB3045
SB3060
SB30100
SB30150
SB3045LCT THRU SB30150LFCT
25
30
Per device
15A*2
CURRENT
30 Ampere
30 Ampere low vf Schottky diode
5-1
2
3
TO-262
TO-263
O-220AB
tra-low forward voltage
Package = ITO-220AB
150
60
45
Charact
IRRM
nt (2uS-1Khz)
an Body Model ESD Protection (TO-220)
\ESD HBM
8
KV
dv/dt
10000
V/uS
100
Volts
VOLTAGE RANG
45 to 150 Volts
www.asemi99.com
2018.11 Rev.3.1
eristics
Maximum Ratings Characteristics
( TA = 25℃ unless otherwise specified )
Parameter
Symbol
Units
DC Blocking Voltage
VRM
Peak Repetitive Reverse Voltage
VRRM
Average Rectified Forward Current
(Rated VR-20Khz Square Wave) - 50% duty cycle
Io
Amps
Peak Repetitive Reverse Surge Curre
Amps
Typical Thermal Resistance (per leg)
Package = T
2
RθJc
4
℃
/W
Hum
Maximum Rate of Voltage Change ( at Rated VR )
Operating Junction Temperature
TJ
℃
Storage Junction Temperature
TSTG
℃
Low Forward Voltage Drop
Features
Typical Applications
Device optimized for ul
drop to maximize efficiency in Power Supply
applications
Reliable High Temperature Operation
Softest, Fast Switching Capability
150℃ Operating Junction Temperature
Lead Free Finish, RoHS Compliant
Package =
Peak Forward Surge Current - 1/2 60hz
IFSM
0
Amps
- 65 to +150
- 65 to +150
SB----LDC
SB----LICT
SB----LFCT
SB----LCT
TO-220AB
ITO-220AB
TO-262
TO-263


Similar Part No. - SB3045LFCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB3045LFCT PANJIT-SB3045LFCT Datasheet
125Kb / 4P
LOW VF SCHOTTKY RECTIFIER
SB3045LFCT PANJIT-SB3045LFCT_16 Datasheet
154Kb / 4P
LOW VF SCHOTTKY RECTIFIER
SB3045LFCT_T0_00001 PANJIT-SB3045LFCT_T0_00001 Datasheet
154Kb / 4P
LOW VF SCHOTTKY RECTIFIER
More results

Similar Description - SB3045LFCT

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
10V45 ASEMI-10V45 Datasheet
907Kb / 3P
10 Ampere low vf Schottky diode
2018.11 Rev.3.1
ER15V45GY ASEMI-ER15V45GY Datasheet
924Kb / 3P
15 Ampere low vf Schottky diode
2018.11 Rev.3.1
ER20V45GY ASEMI-ER20V45GY Datasheet
920Kb / 3P
20 Ampere low vf Schottky diode
2018.11 Rev.3.1
SB10100LFCT ASEMI-SB10100LFCT Datasheet
851Kb / 5P
10 Ampere low vf Schottky diode
2018.11 Rev.3.1
SB20100IFCT ASEMI-SB20100IFCT Datasheet
838Kb / 5P
20 Ampere low vf Schottky diode
2018.11 Rev.3.1
SB40100LFCT ASEMI-SB40100LFCT Datasheet
843Kb / 5P
40 Ampere low vf Schottky diode
2018.11 Rev.3.1
SBT10100VCT ASEMI-SBT10100VCT Datasheet
851Kb / 5P
10 Ampere low vf Schottky diode
2018.11 Rev.3.1
SBT20100VCT ASEMI-SBT20100VCT Datasheet
838Kb / 5P
20 Ampere low vf Schottky diode
2018.11 Rev.3.1
SBT30100VCT ASEMI-SBT30100VCT Datasheet
847Kb / 5P
30 Ampere low vf Schottky diode
2018.11 Rev.3.1
SBT40100VCT ASEMI-SBT40100VCT Datasheet
875Kb / 5P
40 Ampere low vf Schottky diode
2018.11 Rev.3.1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com