Electronic Components Datasheet Search
  English  ▼

X  

SF802A Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # SF802A
Description  8A super fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SF802A Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SF802A Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SF802A Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SF802A
SF804A
SF806A
SF808A
SF810A
SF802A THRU SF810A
125
A
10
35
50
ns
VOLTAGE RANG
200 to 1000 Volts
CURRENT
8 Ampere
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
2-1
www.asemi99.com
2018.11 Rev.3.1
FEATURES
• Superfast recovery times-epitaxial construction.
• Low forward voltage, high current capability.
• Hermetically sealed.
• Low leakage.
• High surge capability.
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• L
ead free in compliance with EU RoHS 2.0
• G
reen molding compound as per IEC 61249 standard
MECHANICAL DATA
• Case: Molded plastic, TO-220AC
• Terminals: Axial leads, solderable to MIL-STD-750,Method 2026
• Polarity: As marking
• Weight: 0.067 ounces, 1.89 grams.
Ratings at 25°C ambient temperature unless otherwise specified.
Resistive or inductive load, 60Hz.
NOTES :
1. Pulse Test with PW=300
μsec, 2% Duty Cycle.
2. Reverse Recovery Tset Conditions : IF=0.5A,IR=1A,Irr=0.25A
3. Mounted on P.C. Board with 14mm2 (0.013mm thick) copper pad areas.
PA R A M E T E R
S Y M B O L
M a xi mum R e c urre nt P e a k R e ve rs e Vo lt a g e
V
RR M
Ma xi mum R M S Vo lt a g e
V
RM S
M a xi mum DC Bl o c k ing Vo lt a g e
V
DC
M a xi mum A ve r ag e F o r w a r d C ur r e nt a t T
C=7 5
O CI
F( AV )
8A
P e a k F o rw a r d S urg e C urre nt, 8 . 3 ms s ing le ha l f s i ne -w a ve
supe r i mp os ed on r a t e d l o ad
I
FSM
M a xi mum Fo r w ar d Vo lt a g e at 8A ( Not e 1)
V
F
M a xi mum DC Re ve r s e Cur r e nt a t Ra t e d DC Bl o c k ing
Vo lt age
T
J =2 5
O C
T
J =1 0 0
O C
I
R
30 0
μA
M a xi mum R e ve rs e R e c o ve ry Time (No t e 1 )
t
rr
Ty p ic a l Junc t i on C a pa cit a nc e ( No t e 2)
C
J
65
p F
Ty pica l t he r ma l R e sist ance ( No t e 3 )
R
θJC
3
O C / W
O p er a t ing J unc t io n and S t or a g e Te mp e r at ur e R a ng e
T
J ,T STG
- 5 5 t o + 1 50
O C
8A super fast recovery diode
1 40
280
420
560
700
V
2 0 0
4 00
600
800
1000
V
UNITS
2 0 0
4 00
600
800
1000
V
0.95
1.3
1.5
1.7
1.9
V


Similar Part No. - SF802A

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
SF802 PACELEADER-SF802 Datasheet
587Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
SF802 YEASHIN-SF802 Datasheet
41Kb / 2P
VOLTAGE RANGE 50 to 600 Volts 8.0 Amperes
logo
Dongguan City Niuhang E...
SF802 NIUHANG-SF802 Datasheet
339Kb / 3P
SUPER FAST RECTIFIERS
logo
SUNMATE electronic Co.,...
SF802 SUNMATE-SF802 Datasheet
835Kb / 2P
SUPER FAST RECTIFIERS
logo
Guangdong Juxing Electr...
SF802DS JUXING-SF802DS Datasheet
2Mb / 3P
Superfast Recovery Rectitiers
More results

Similar Description - SF802A

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D8L60 SHINDENGEN-D8L60 Datasheet
446Kb / 7P
Super Fast Recovery Rectifiers(600V 8A)
D8LC20UR SHINDENGEN-D8LC20UR Datasheet
444Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
D8LD20U SHINDENGEN-D8LD20U Datasheet
482Kb / 7P
Super Fast Recovery Rectifiers(200V 8A)
SF8L60 SHINDENGEN-SF8L60 Datasheet
375Kb / 6P
Super Fast Recovery Rectifiers(600V 8A)
logo
Frontier Electronics.
SFF80-03 FRONTIER-SFF80-03 Datasheet
65Kb / 2P
8A SUPER FAST RECOVERY RECTIFIER
SFF80-03CT FRONTIER-SFF80-03CT Datasheet
65Kb / 2P
8A DUAL SUPER FAST RECOVERY RECTIFIER
SFF80-03-LFR FRONTIER-SFF80-03-LFR Datasheet
130Kb / 2P
8A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MUR860AC ASEMI-MUR860AC Datasheet
292Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
MURF860AC ASEMI-MURF860AC Datasheet
274Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
SFF806A ASEMI-SFF806A Datasheet
274Kb / 2P
8A super fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com