Electronic Components Datasheet Search
  English  ▼

X  

SFF1004 Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # SFF1004
Description  10A super fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SFF1004 Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SFF1004 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SFF1004 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SFF1002
SFF1004
SFF1006
SFF1008
SFF1010
SFF1002 THRU SFF1010
Suffix "CTR"
Suffix "CT"
10
2-1
www.asemi99.com
2018.11 Rev.3.1
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• Low forward voltge, high current capability
• High surge capacity.
• Super fast recovery times, high voltage.
• Lead free in compliance with EU RoHS 2.0
• Green molding compound as per IEC 61249 standard
NOTES
1. Measured at 1 MHz and applied reverse voltage of 4 VDC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
3. Both Bonding and Chip structure are available.
MECHANICAL DATA
• Case: ITO-220AB Molded plastic
• Terminals: Lead solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.056 ounces, 1.6 grams.
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
PARAMETER
SYMBOL
Maximum Recurrent Peak Reverse Voltage
V
RRM
Maximum RMS Voltage
V
RMS
Maximum D C B locki ng Voltage
V
DC
Maximum A verage Forward C urrent at T
C =1 0 0
O
CI
F(AV)
10
A
Peak Forward Surge C urrent, 8.3ms single half sine-wave
superimposed on rated load
I
FSM
150
A
Maximum Forward Voltage at 5A, per element
V
F
Maximum DC Reverse Current at Rated DC Blocking
Voltage
T
J=2 5
O
C
T
J=100
O
C
I
R
500
μA
Maximum Reverse Recovery Ti me (Note 2 )
t
rr
Typical Junction Capacitance (Note 1)
C
J
62
pF
Typical Thermal Resistance
R
θJC
3
O
C /
W
Operating Juncti on and Storage Temperature Range
T
J,TSTG
-55 to +150
O
C
VOLTAGE RANG
200 to 1000 Volts
CURRENT
10 Ampere
10A super fast recovery diode
2 0 0
4 00
600
800
1000
V
1 40
280
420
560
700
V
2 0 0
4 00
600
800
1000
V
UNITS
0.95
1.3
1.5
1.7
1.9
V
35
50
ns
Positive
Negative
Common Cathode
Case
Common Anode


Similar Part No. - SFF1004

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SFF1004 JUXING-SFF1004 Datasheet
2Mb / 2P
Superfast Recovery Rectifiers
logo
SUNMATE electronic Co.,...
SFF1004 SUNMATE-SFF1004 Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SFF1004A ASEMI-SFF1004A Datasheet
280Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
logo
SUNMATE electronic Co.,...
SFF1004CT SUNMATE-SFF1004CT Datasheet
1Mb / 2P
SUPER FAST RECTIFIERS
logo
Taiwan Semiconductor Co...
SFF1004G TSC-SFF1004G Datasheet
116Kb / 2P
Isolation 10.0 AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SFF1004

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
DF10L60 SHINDENGEN-DF10L60 Datasheet
388Kb / 6P
Super Fast Recovery Rectifiers(600V 10A)
DF10LC20U SHINDENGEN-DF10LC20U Datasheet
376Kb / 6P
Super Fast Recovery Rectifiers(200V 10A)
logo
Frontier Electronics.
SFF100-03 FRONTIER-SFF100-03 Datasheet
129Kb / 2P
10A SUPER FAST RECOVERY RECTIFIER
SFF100-03-LFR FRONTIER-SFF100-03-LFR Datasheet
129Kb / 2P
10A SUPER FAST RECOVERY RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
MUR1060CT ASEMI-MUR1060CT Datasheet
278Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
MURF1060AC ASEMI-MURF1060AC Datasheet
280Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
MURF1060CT ASEMI-MURF1060CT Datasheet
467Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SF1006 ASEMI-SF1006 Datasheet
278Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SF1006A ASEMI-SF1006A Datasheet
307Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
SFF1006A ASEMI-SFF1006A Datasheet
280Kb / 2P
10A super fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com