Electronic Components Datasheet Search
  English  ▼

X  

SFP6008 Datasheet(PDF) 4 Page - ASEMI TECHNOLOGY., LTD

Part # SFP6008
Description  60A super fast recovery diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SFP6008 Datasheet(HTML) 4 Page - ASEMI TECHNOLOGY., LTD

  SFP6008 Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SFP6008 Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD SFP6008 Datasheet HTML 3Page - ASEMI TECHNOLOGY., LTD SFP6008 Datasheet HTML 4Page - ASEMI TECHNOLOGY., LTD SFP6008 Datasheet HTML 5Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5-4
TO-247S
www.asemi99.com
2018.11 Rev.3.1
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
4.85
5.16
0.191
0.203
D
2.20
2.60
0.086
0.102
E
0.40
0.80
0.015
0.031
F
1.00
1.40
0.039
0.055
F1
3.00
0.118
F2
2.00
0.079
F3
1.90
2.40
0.075
0.094
F4
3.00
3.40
0.118
0.134
G
10.90
0.429
H
15.45
16.03 0.608
0.631
L
19.85
21.09 0.781
0.830
L1
3.70
4.30
0.146
0.169
L2
18.30
19.13 0.720
0.753
L3
14.20
20.30 0.559
0.799
L4
34.05
41.38 1.341
1.629
L5
5.35
6.30
0.211
0.248
M
2.00
3.00
0.079
0.118
V5°
5°
V2
60°
60°
Dia.
3.55
3.65
0.140
0.144
H
L2
L5
L
L4
D
E
M
L1
L3
F2
F3
F4
F1
V2
F(x3)
G
A
V
V
Dia
CURRENT
60 Ampere
60A super fast recovery diode
VOLTAGE RANG
200 to 1000 Volts
Suffix "PTR"
Positive
Negative
Common Cathode
Case
Common Anode
Suffix "PT"
SFP6002 THRU SFP6010



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com