Electronic Components Datasheet Search
  English  ▼

X  

SS220F Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # SS220F
Description  plug-in ultra-fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SS220F Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SS220F Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SS220F Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Approx. Weight:0.0011 ounces, 0.062 grams
SS22F THRU SS220F
SS220
SS215
VOLTAGE RANG
20 to 200 Volts
CURRENT
2.0 Ampere
Catalog
1-2
www.asemi99.com
2018.11 Rev.3.1
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note:1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
2.0
50.0
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 2.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
R
θJA
CJ
TJ,
TSTG
75.0
180
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-50 to +150
-50 to +125
-50 to +150
10.0
5.0
0.55
0.85
SS22 SS23
SS25
SS24
SS26
SS210
SS28
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
220
150
105
150
200
140
200
0.95
0.2
2.0
Number
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Metal silicon junction,majority carrier conduction
Low power loss,high efficiency
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
• Case: SMAF molded plastic
Polarity : Color band denotes cathode end
•
2026
• Terminals: Solder plated, solderable per MIL-STD-750,
Method
plug-in ultra-fast recovery diode
S M A F
0.65
0.67
0.63
1.40
1.42
1.38
1.00
1.03
0.097
2.60
2.63
2.57
3.70
3.72
3.68
4.75 4.85 4.80
A
E
L
B
C
E
H
D
0.15
0.17
0.13
E
D
A
Dim
Min
Max Typ
B
C
H
L
All Dimensions in mm


Similar Part No. - SS220F

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SS220F KEXIN-SS220F Datasheet
1Mb / 3P
Schottky Diodes
logo
DONGGUAN YOU FENG WEI E...
SS220F YFWDIODE-SS220F Datasheet
160Kb / 3P
Surface MountSchottky Barrier Rectifier
logo
Nanjing International G...
SS220F DGNJDZ-SS220F Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220F DGNJDZ-SS220F Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS220F DGNJDZ-SS220F Datasheet
120Kb / 2P
2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS220F

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
SS120F ASEMI-SS120F Datasheet
125Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS220A ASEMI-SS220A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS220BF ASEMI-SS220BF Datasheet
65Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320A ASEMI-SS320A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320BF ASEMI-SS320BF Datasheet
62Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320F ASEMI-SS320F Datasheet
60Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520A ASEMI-SS520A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520BF ASEMI-SS520BF Datasheet
65Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520F ASEMI-SS520F Datasheet
61Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS610C ASEMI-SS610C Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com