Electronic Components Datasheet Search
  English  ▼

X  

SS520A Datasheet(PDF) 1 Page - ASEMI TECHNOLOGY., LTD

Part # SS520A
Description  plug-in ultra-fast recovery diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASEMI [ASEMI TECHNOLOGY., LTD]
Direct Link  https://www.asemi99.com/
Logo ASEMI - ASEMI TECHNOLOGY., LTD

SS520A Datasheet(HTML) 1 Page - ASEMI TECHNOLOGY., LTD

  SS520A Datasheet HTML 1Page - ASEMI TECHNOLOGY., LTD SS520A Datasheet HTML 2Page - ASEMI TECHNOLOGY., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
:0.002 ounce, 0.064 grams
SS520
SS515
SS52A THRU SS520A
VOLTAGE RANG
20 to 200 Volts
CURRENT
5.0 Ampere
Catalog
1-2
www.asemi99.com
2018.11 Rev.3.1
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Note: 1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2.P.C.B. mounted with 0.2x0.2 ”(5.0x5.0mm) copper pad areas
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
5.0
150.0
0.70
Operating junction temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL(see fig.1)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical junction capacitance (NOTE 1)
IR
0.5
R
θJA
CJ
TJ,
TSTG
50.0
200
pF
C
mA
Typical thermal resistance (NOTE 2)
C/W
Storage temperature range
C
-50 to +150
-50 to +125
-50 to +150
20
10
0.55
0.85
SS52 SS53
SS55
SS54
SS56
SS510
SS58
20
14
20
30
21
30
40
28
40
50
35
50
60
42
60
80
56
80
100
70
100
150
105
150
200
150
200
0.95
0.2
2.0
Number
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
Case: JEDEC DO-214AC molded plastic body
Terminals: leads solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight
MECHANICAL DATA
plug-in ultra-fast recovery diode
DO-214AC (SMA)
Dimensions in inches and (millimeters)
.05
5(1.40)
.0
62(1.60)
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


Similar Part No. - SS520A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
SS520A FS-SS520A Datasheet
417Kb / 2P
5A SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SS520A LEIDITECH-SS520A Datasheet
371Kb / 3P
Schottky rectifier
logo
TECH PUBLIC Electronics...
SS520A TECHPUBLIC-SS520A Datasheet
1Mb / 3P
SCHOTTKY BARRIER DIODE
logo
Shanghai Shunye Electro...
SS520A SHUNYE-SS520A Datasheet
525Kb / 3P
SURFACE MOUNT SCHOTTKY BA R RIER RECTIFIER
V2.22
logo
Yangzhou yangjie electr...
SS520AQ YANGJIE-SS520AQ Datasheet
211Kb / 4P
Surface Mount Schottky Rectifier
More results

Similar Description - SS520A

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
SS120F ASEMI-SS120F Datasheet
125Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS220A ASEMI-SS220A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS220BF ASEMI-SS220BF Datasheet
65Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS220F ASEMI-SS220F Datasheet
127Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320A ASEMI-SS320A Datasheet
48Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320BF ASEMI-SS320BF Datasheet
62Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS320F ASEMI-SS320F Datasheet
60Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520BF ASEMI-SS520BF Datasheet
65Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS520F ASEMI-SS520F Datasheet
61Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
SS610C ASEMI-SS610C Datasheet
164Kb / 2P
plug-in ultra-fast recovery diode
2018.11 Rev.3.1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com