Electronic Components Datasheet Search
  English  ▼

X  

SM1605 Datasheet(PDF) 2 Page - Protek Devices

Part # SM1605
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM1605 Datasheet(HTML) 2 Page - Protek Devices

  SM1605 Datasheet HTML 1Page - Protek Devices SM1605 Datasheet HTML 2Page - Protek Devices SM1605 Datasheet HTML 3Page - Protek Devices SM1605 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SM1603
thru
SM1624C
2
05147.R6 2/07
www.protekdevices.com
DEVICE CHARACTERISTICS
Operating Temperature
SYMBOL
VALUE
-55 to 150
°C
°C
-55 to 150
UNITS
T
L
T
STG
PARAMETER
Storage Temperature
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
PPP
500
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Note 1: Part numbers with a “C” suffix are bidirectional devices.
Note 2: V
F = 1.5 Volts @ 100mA, 300µs (square wave) unidirectional devices only.
PART
NUMBER
(See Note 1)
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@ I
P = 1A
V
C
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
SM1603
SM1603C
SM1605
SM1605C
SM1608
SM1608C
SM1612
SM1612C
SM1615
SM1615C
SM1624
SM1624C
3.3
3.3
5.0
5.0
8.0
8.0
12.0
12.0
15.0
15.0
24.0
24.0
7.0
7.0
9.8
9.8
13.4
13.4
19.0
19.0
25.5
25.5
40.0
40.0
10.9V @ 43A
10.9V @ 43A
13.5V @ 42A
13.5V @ 42A
16.9V @ 34A
16.9V @ 34A
25.9V @ 21A
25.9V @ 21A
30.0V @ 17A
30.0V @ 17A
49.0V @ 12A
49.0V @ 12A
125
125
10
10
10
10
2
2
2
2
2
2
-3
-3
3
3
9
9
16
16
17
17
26
26
MAXIMUM
CAPACITANCE
0V @ 1 MHz
C
pF
800
450
550
310
500
280
185
105
140
80
88
50
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
4.0
4.0
6.0
6.0
8.5
8.5
13.3
13.3
16.7
16.7
26.7
26.7
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com