Electronic Components Datasheet Search
  English  ▼

X  

BAV116W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAV116W
Description  SURFACE MOUNT LOW LEAKAGE DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAV116W Datasheet(HTML) 1 Page - Diodes Incorporated

  BAV116W Datasheet HTML 1Page - Diodes Incorporated BAV116W Datasheet HTML 2Page - Diodes Incorporated BAV116W Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DS30291 Rev. 8 - 2
1 of 3
BAV116W
www.diodes.com
ã Diodes Incorporated
BAV116W
SURFACE MOUNT LOW LEAKAGE DIODE
Mechanical Data
Features
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
130
V
RMS Reverse Voltage
VR(RMS)
90
V
Forward Continuous Current
IFM
215
mA
Repetitive Peak Forward Current
IFRM
500
mA
Non-Repetitive Peak Forward Surge Current @ t = 1.0
ms
@ t = 1.0ms
@ t = 1.0s
IFSM
4.0
1.0
0.5
A
Power Dissipation (Note 2)
Pd
250
mW
Thermal Resistance Junction to Ambient Air (Note 2)
RqJA
500
°C/W
Operating and Storage Temperature Range
Tj ,TSTG
-65 to +150
°C
Maximum Ratings @ TA = 25°C unless otherwise specified
Notes:
1.
Short duration pulse test used to minimize self-heating effect.
2.
Part mounted on FR-4 PC board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3.
No purposefully added lead.
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 1)
V(BR)R
130
130
¾
¾
¾
¾
V
IR = 100
mA
IR = 100
mA, Tj =125°C
Forward Voltage
VF
¾¾
0.90
1.0
1.1
1.25
1.0
V
IF = 1.0mA, Tj = 25
°C
IF = 10mA, Tj = 25
°C
IF = 50mA, Tj = 25
°C
IF = 150mA, Tj = 25
°C
IF = 10mA, Tj = 125
°
Leakage Current (Note 1)
IR
¾¾
5.0
80
nA
nA
VR = 75V, Tj = 25
°C
VR = 75V, Tj = 125
°C
Total Capacitance
CT
¾
2.4
5
pF
VR = 0, f = 1.0MHz
Reverse Recovery Time
trr
¾¾
3.0
ms
IF = IR = 10mA,
Irr = 0.1 x IR,RL = 100
W
Electrical Characteristics @ TA = 25°C unless otherwise specified
·
Surface Mount Package Ideally Suited for Automatic Insertion
·
Very Low Leakage Current
·
Lead Free/RoHS Compliant (Note 3)
·
Case: SOD-123
·
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy 42
leadframe)
·
Polarity: Cathode Band
·
Marking: Date Code and Type Code, See Page 3
·
Type Code: 50
·
Weight: 0.01 grams (approximate)
SOD-123
Dim
Min
Max
A
3.55
3.85
B
2.55
2.85
C
1.40
1.70
D
—
1.35
E
0.45
0.65
0.55 Typical
G
0.25
—
H
0.11 Typical
J
—
0.10
a
0
°
8
°
All Dimensions in mm
Lead-free
A
B
C
D
E
G
H
J
SPICE MODEL: BAV116W


Similar Part No. - BAV116W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV116W DIODES-BAV116W Datasheet
69Kb / 2P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30291 Rev. 2 - 2
BAV116W DIODES-BAV116W Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
logo
Micro Commercial Compon...
BAV116W MCC-BAV116W Datasheet
395Kb / 3P
350mW SWITCHING DIODE 130 Volts
logo
Diodes Incorporated
BAV116W DIODES-BAV116W Datasheet
285Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 12
logo
YAGEO Corporation
BAV116W YAGEO-BAV116W Datasheet
430Kb / 6P
Switching Diode
Dec. 03, 2023 V.1
More results

Similar Description - BAV116W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS116T DIODES-BAS116T_09 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 12 - 2 March 2009
BAV116W DIODES-BAV116W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev. 11 - 2 June 2008
BAV3004W DIODES-BAV3004W_08 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30371 Rev. 11 - 2
BAS20DW DIODES-BAS20DW_09 Datasheet
107Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30617 Rev. 10 - 2
BAS116 DIODES-BAS116_15 Datasheet
83Kb / 4P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 10
BAS116T DIODES-BAS116T_15 Datasheet
82Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116W DIODES-BAV116W_15 Datasheet
115Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV3004WS DIODES-BAV3004WS_15 Datasheet
108Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev erse
BAV116WS DIODES-BAV116WS Datasheet
279Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 4
BAW156TQ DIODES-BAW156TQ Datasheet
354Kb / 5P
SURFACE MOUNT LOW LEAKAGE DIODE
Rev 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com