Electronic Components Datasheet Search
  English  ▼

X  

UDZ10B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # UDZ10B
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

UDZ10B Datasheet(HTML) 3 Page - Diodes Incorporated

  UDZ10B Datasheet HTML 1Page - Diodes Incorporated UDZ10B Datasheet HTML 2Page - Diodes Incorporated UDZ10B Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(Note 5)
DS30290 Rev. 10 - 2
3 of 3
UDZ5V6B-UDZ15B
www.diodes.com
Ordering Information
* Add “-7” to the appropriate type number in Table 1 from Page 1 example: 6.2V Zener = UDZ6V2B-7.
Notes:
5. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX
Device
Packaging
Shipping
(Type Number)-7*
SOD-323
3000/Tape & Reel
XX = Product Type Marking Code
-0.08
0.12
-0.04
-0.06
10
16
20
V , ZENER VOLTAGE (V)
Z
Fig. 7 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, UDZ10B-UDZ15B
14
12
18
-0.02
0
0.02
0.04
0.06
0.08
0.10
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further
notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither
does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will
agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the
President of Diodes Incorporated.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com