Electronic Components Datasheet Search
  English  ▼

X  

CTA2P1N Datasheet(PDF) 5 Page - Diodes Incorporated

Part # CTA2P1N
Description  COMPLEX TRANSISTOR ARRAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

CTA2P1N Datasheet(HTML) 5 Page - Diodes Incorporated

  CTA2P1N Datasheet HTML 1Page - Diodes Incorporated CTA2P1N Datasheet HTML 2Page - Diodes Incorporated CTA2P1N Datasheet HTML 3Page - Diodes Incorporated CTA2P1N Datasheet HTML 4Page - Diodes Incorporated CTA2P1N Datasheet HTML 5Page - Diodes Incorporated CTA2P1N Datasheet HTML 6Page - Diodes Incorporated CTA2P1N Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DS30296 Rev. 7 - 2
5 of 7
CTA2P1N
www.diodes.com
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
A
Fig. 7 Max Power Dissipation vs
Ambient Temperature (Total Device)
150
200
0
1
100
1000
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Gain Bandwidth Product vs. Collector Current
10
V
= 5V
CE
1
100
1000
1
10
100
1000
I , COLLECTOR CURRENT (mA)
C
Fig. 5 DC Current Gain vs. Collector Current
10
V
= 5V
CE
T = 25°C
A
T = -50°C
A
T = 150°C
A
MMBT4403 Section



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com