Electronic Components Datasheet Search
  English  ▼

X  

2N7002T Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 2N7002T
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002T Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002T Datasheet HTML 1Page - Diodes Incorporated 2N7002T Datasheet HTML 2Page - Diodes Incorporated 2N7002T Datasheet HTML 3Page - Diodes Incorporated 2N7002T Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30301 Rev. 8 - 2
2 of 4
2N7002T
www.diodes.com
Electrical Chacteristics
@ TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 3)
Drain-Source Breakdown Voltage
BVDSS
60
¾
¾
V
VGS = 0V, ID = 10mA
Zero Gate Voltage Drain Current
@ TC = 25°C
@ TC = 125°C
IDSS
¾
¾
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
¾
¾
±10
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
1.0
¾
2.0
V
VDS = VGS, ID = 250mA
Static Drain-Source On-Resistance
@ Tj = 25°C
@ Tj = 125°C
RDS (ON)
¾
2.0
4.4
7.5
13.5
W
VGS = 5.0V, ID = 0.05A
VGS = 10V, ID = 0.5A
On-State Drain Current
ID(ON)
0.5
1.0
¾
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
¾
¾
mS
VDS =10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
¾
22
50
pF
VDS = 25V, VGS = 0V
f = 1.0MHz
Output Capacitance
Coss
¾
11
25
pF
Reverse Transfer Capacitance
Crss
¾
2.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
¾
7.0
20
ns
VDD = 30V, ID = 0.2A,
RL = 150W, VGEN = 10V,
RGEN = 25W
Turn-Off Delay Time
tD(OFF)
¾
11
20
ns
Note: 3. Short duration test pulse used to minimize self-heating effect.
0
0.2
0.1
0.4
0.3
0.5
0.6
0.7
0.8
0.9
1
0
1
2
3
4
5
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 1 On-Region Characteristics
V
= 10,7,6V
GS
V
= 5V
GS
V
= 4V
GS
V
= 3V
GS
0.6
1
1.4
1.8
0
0.2
I , DRAIN-SOURCE CURRENT (A)
D
Fig. 2 On-Resistance Variation with Gate Voltage and Drain-Source Current
V
= 3V
GS
V
= 4V
GS
V
= 5, 6, 7, 10V
GS
2.2
0.4
0.6
0.8
1.0
0.7
0.8
0.9
1.1
1
1.2
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE (
°C)
J
Fig. 3 Gate Threshold Variation with Temperature
0.4
0.8
0.6
1.2
1.8
1.6
1.4
1
2.2
2
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE (
°C)
J
Fig. 4 On-Resistance Variation with Temperature
V
= 10V
GS
I = 500mA
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com