Electronic Components Datasheet Search
  English  ▼

X  

LM317 Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM317
Description  This monolithic integrated circuit is an adjustable 3-terminal
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM317 Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM317 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM317 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM317 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM317 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM317 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM317 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM317 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
VI-VO
Input-Output Voltage Differential
40
V
TLEAD
Lead Temperature
230
℃
PD
Power Dissipation
TO-220
Internally limited
W
TO-252
2
SOT-223
TJ
Operating Junction Temperature Range
0~125
℃
Tstg
Storage Temperature Range
-55~125
ΔVO /ΔT
Temperature Coefficient of Output Voltage
±0.02
%/℃
ELECTRICAL CHARACTERISTICS
(VO-VI=5V,IO=0.5A,0
℃≤TJ≤+125℃ ,IMAX=1.5A,PDMAX=20W,unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Line Regulation(note1)
Rline
TA=25
℃
3V≤VI-VO≤40V
0.01
0.04
%/V
3V≤VI-VO≤40V
0.02
0.07
Load Regulation(note1)
Rload
TA=25
℃ , 10mA≤ IO≤ IMAX
VO<5V
VO ≥5V
18
0.4
25
0.5
mV
%VO
10mA≤ IO≤ IMAX
VO<5V
VO≥ 5 V
40
0.8
70
1.5
Adjustable Pin Current
ADJ
-
46
100
µA
Adjustable Pin Current Change
Δ lADJ
3V≤VI-VO≤40 V
10mA≤ IO≤ IMAX , PD≤ PMAX
2.0
5
Reference Voltage
VREF
3V≤VIN-VO≤ 40V
10mA≤ IO≤ IMAX , PD≤ PMAX
1.20
1.25
1.30
V
Temperature Stability
STT
-
0.7
%/ VO
Minimum Load Current to Maintain
Regulation
IL(MIN)
VI-VO=40V
3.5
12
mA
Maximum Output Current
IO(MAX)
VI- VO≤ 1 5 V, PD≤ PMAX
VI-VO≤40V, PD≤ PMAX
TA= 2 5
℃
1.0
2.2
0.3
A
RMS Noise,% of VOUT
N
TA=25
℃ ,10Hz≤f≤10KHz
0.003
0.01
%/ VO
Ripple Rejection
RR
VO=10V, f =120Hz
without
CADJ
CADJ= 1 0 µ F( note2 )
66
60
75
dB
Long-Term Stability,TJ=THIGH
ST
TA= 25
℃ for end point
mesasurements, 1 0 0 0 HR
0.3
1
%
Thermal Resistance Junction to case
RθJC
-
5
℃/W
Notes:
1. Load and line regulation are specified at constant junction temperature. Change in VD due to heating effects must
be taken into account separately. Pulse testing with low duty is used.(PMAX=20W)
2.CADJ . when used, is connected between the adjustment pin and ground.
l
e
1
www.umw-ic.com
2
友台半导体有限公司
UMW LM317
UMW
R
UMW LM317
UMW LM317
UMW LM317



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com