Electronic Components Datasheet Search
  English  ▼

X  

LM321MF Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM321MF
Description  The LM321 brings performance and economy to low power
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM321MF Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM321MF Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM321MF Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM321MF Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM321MF Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM321MF Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM321MF Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM321MF Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM321MF Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
The LM321 brings perfor mance and economy to low power
SOT-23-5L
systems. With a high unity gain frequency and a
guaranteed 0.4V/µs slew rate, the quiescent current is
only 430µA/amplifier (5V). The input common mode
range includes ground and therefore the device is able to
operate in single supply applications as well as in dual
supply applications. It is also capable of comfortably
driving large capacitive loads.
The LM321 is available in the SOT-23-5L package. Overall the LM321 is a low power, wide
supply range performance op amp that can be designed into a wide range of applications
at an economical price without sacrificing valuable board space.
FEATURES
Gain-Bandwidth product: 1MHz
Low supply current: 430µA
Low input bias current: 45nA
Wide supply voltage range: +3V to +32V
APPLICATIONS
Chargers
Power supplies
Industrial: controls, instruments
Desktops
Communications infrastructure
UMW LM321MF
UMW
R
1
www.umw-ic.com
友台半导体有限公司
UMW LM321MF


Similar Part No. - LM321MF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM321MF NSC-LM321MF Datasheet
237Kb / 9P
Low Power Single Op Amp
logo
Tiger Electronic Co.,Lt...
LM321MF TGS-LM321MF Datasheet
1Mb / 9P
Low Power Single Op Amp
logo
Texas Instruments
LM321MF TI1-LM321MF Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
LM321MF/NOPB TI1-LM321MF/NOPB Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
LM321MF/NOPB TI2-LM321MF/NOPB Datasheet
682Kb / 22P
LM321 Low Power Single Operational Amplifier
REVISED DECEMBER 2014
More results

Similar Description - LM321MF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2813DTR-4 TI-UCC2813DTR-4 Datasheet
215Kb / 8P
Low Power Economy BiCMOS Current Mode PWM
logo
List of Unclassifed Man...
2B30 ETC1-2B30 Datasheet
38Kb / 1P
High Performance, Economy Strain Gage/RTD Conditioners
UCC2813-0 ETC-UCC2813-0 Datasheet
196Kb / 8P
Low Power Economy BiCMOS Current Mode PWM
logo
Intronics Power, Inc.
2B30J INTRONICS-2B30J Datasheet
1Mb / 6P
High Performance, Economy Strain Gage/RTD Conditioners
logo
Texas Instruments
UCC2813D-0 TI1-UCC2813D-0 Datasheet
4Mb / 25P
Low Power Economy BiCMOS Current Mode PWM
UCC2813D-5 TI1-UCC2813D-5 Datasheet
4Mb / 25P
Low Power Economy BiCMOS Current Mode PWM
UCC2813-0 TI1-UCC2813-0_13 Datasheet
4Mb / 25P
Low Power Economy BiCMOS Current Mode PWM
LM321 TI1-LM321 Datasheet
949Kb / 16P
LM321 Low Power Single Op Amp
logo
OmniVision Technologies...
OV16E10 OMNIVISION-OV16E10 Datasheet
739Kb / 2P
16MP Image Sensor Brings Top Performance
OV8856 OMNIVISION-OV8856 Datasheet
656Kb / 2P
High Performance PureCel짰 Sensor Brings 8-Megapixel Selfies to Mainstream Smartphones
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com