Electronic Components Datasheet Search
  English  ▼

X  

LM75B Datasheet(PDF) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM75B
Description  plastic thin shrink small outline package; 8 leads;
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM75B Datasheet(HTML) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM75B Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM75B Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM75B Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM75B Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM75B Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM75B Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LM75B Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LM75B Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LM75B Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
 
 
 
 
Table 10.
Temp register value …continued
11-bit binary
(two’s complement)
Hexadecimal value
Decimal value
Value
111 0011 1000
738
200
25.000 C
110 0100 1001
649
439
54.875 C
110 0100 1000
648
440
55.000 C
 
For 9-bit Temp data application in replacing the industry standard LM75, just use only
9 MSB bits of the two bytes and disregard 7 LSB of the LSByte. The 9-bit Temp data with
0.5
C resolution of the LM75B is defined exactly in the same way as for the standard
LM75 and it is here similar to the Tos and Thyst registers.
 
The only MSByte of the temperature can also be read with the use of a one-byte reading
command. Then the temperature resolution will be 1.00
C instead.
 
7.4.4 Overtemperature shutdown threshold (Tos) and hysteresis (Thyst) registers
 
These two registers, are write/read registers, and also called set-point registers. They are
used to store the user-defined temperature limits, called overtemperature shutdown
threshold (Tth(ots)) and hysteresis temperature (Thys), for the device watchdog operation.
At the end of each conversion the Temp data will be compared with the data stored in
these two registers in order to set the state of the device OS output; see Section 7.1.
 
Each of the set-point registers contains two 8-bit data bytes consisting of one MSByte and
one LSByte the same as register Temp. However, only 9 bits of the two bytes are used to
store the set-point data in two’s complement format with the resolution of 0.5
C. Table 11
and Table 12 show the bit arrangement of the Tos data and Thyst data in the data bytes.
 
Notice that because only 9-bit data are used in the set-point registers, the device uses
only the 9 MSB of the Temp data for data comparison.
 
Table 11.
Tos register
 
MSByte
LSByte
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
 
Table 12.
Thyst register
 
MSByte
LSByte
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
 
When a set-point register is read, all 16 bits are provided to the bus and must be collected
by the controller to complete the bus operation. However, only the 9 most significant bits
should be used and the 7 LSB of the LSByte are equal to zero and should be ignored.
 
Table 13 shows examples of the limit data and value.
www.umw-ic.com
9
友台半导体有限公司
UMW
LM75B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com