Electronic Components Datasheet Search
  English  ▼

X  

LM75BD Datasheet(PDF) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM75BD
Description  plastic thin shrink small outline package; 8 leads;
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM75BD Datasheet(HTML) 2 Page - Guangdong Youtai Semiconductor Co., Ltd.

  LM75BD Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BD Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BD Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BD Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BD Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BD Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BD Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BD Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM75BD Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
www.umw-ic.com
2
友台半导体有限公司
UMW
LM75B
 
4.
Pinning information
 
 
4.1 Pinning
 
4.2 Pin description
Table 3.
Pin description
Symbol
Pin
Description
SDA
1
Digital I/O. I2C-bus serial bidirectional data line; open-drain.
SCL
2
Digital input. I2C-bus serial clock input.
OS
3
Overtemperature Shutdown output; open-drain.
GND
4
Ground. To be connected to the system ground.
A2
5
Digital input. User-defined address bit 2.
A1
6
Digital input. User-defined address bit 1.
A0
7
Digital input. User-defined address bit 0.
VCC
8
Power supply.
 
LM75BD
LM75BDP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com