Electronic Components Datasheet Search
  English  ▼

X  

LM2575HV Datasheet(PDF) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LM2575HV
Description  2A Step-Down Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LM2575HV Datasheet(HTML) 9 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LM2575HV Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 11Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 12Page - Guangdong Youtai Semiconductor Co., Ltd. LM2575HV Datasheet HTML 13Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Test Circuit and Layout Guidelines (Continued)
As in any switching regulator, layout is very important. Rap-
idly switching currents associated with wiring inductance can
generate voltage transients which can cause problems. For
minimal inductance and ground loops, the wires indicated by
heavy lines should be wide printed circuit traces and
should be kept as short as possible. For best results,
external components should be located as close to the
switcher lC as possible using ground plane construction or
single point grounding.
If open core inductors are used, special care must be
taken as to the location and positioning of this type of induc-
tor. Allowing the inductor flux to intersect sensitive feedback,
lC groundpath and C
OUT wiring can cause problems.
When using the adjustable version, special care must be
taken as to the location of the feedback resistors and the
associated wiring. Physically locate both resistors near the
IC, and route the wiring away from the inductor, especially an
open core type of inductor. (See application section for more
information.)
Adjustable Output Voltage Versions
where VREF = 1.23V
Select R1 to be approximately 1 kΩ, use a 1% resistor for best stability.
CIN
— 470 µF, 50V, Aluminum Electrolytic Nichicon “PL Series”
COUT
— 220 µF, 35V Aluminum Electrolytic, Nichicon “PL Series”
D1
— 5A, 40V Schottky Rectifier, 1N5825
L1
— 68 µH, L38
R1
— 1 k
Ω,1%
CFF
— See Application Information Section
FIGURE 1. Standard Test Circuits and Layout Guides
9
www.umw-ic.com
友台半导体有限公司
LM2575/
LM2575HV
2A Step-Down Voltage Regulator
UMW
R
UMW LM2575/LM2575HV
UMW LM2575/LM2575HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com