Electronic Components Datasheet Search
  English  ▼

X  

LMV321 Datasheet(PDF) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # LMV321
Description  Low-Power rail-to-rail Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

LMV321 Datasheet(HTML) 10 Page - Guangdong Youtai Semiconductor Co., Ltd.

Back Button LMV321 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321 Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321 Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321 Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. LMV321 Datasheet HTML 10Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
θ
e
b
E1
E
D
A1
A A2
L1
L
L2
SOP-14
Symbol
Dimensions
In Millimeters
MIN
TYP
MAX
A
1.35
1.60
1.75
A1
0.10
0.15
0.25
A2
1.25
1.45
1.65
b
0.36
0.49
D
8.53
8.63
8.73
E
5.80
6.00
6.20
E1
3.80
3.90
4.00
e
1.27 BSC
L
0.45
0.60
0.80
L1
1.04 REF
L2
0.25 BSC
θ
0°
8°
Low-Power rail-to-rail Operational Amplifier
UMW
LMV321/LMV358/LMV324
R
ORDERING INFORMATION
www.umw-ic.com
10
UTD Semiconductor Co.,Limited
Order Code
Package
Baseqty
Deliverymode
UMW LMV321IDCKR
SC70-5
3000
Tape and reel
UMW LMV321IDBVR
SOT23-5
3000
Tape and reel
UMW LMV358IDR
SOP-8
2500
Tape and reel
UMW LMV358IPWR
TSSOP-8
2000
Tape and reel
UMW LMV324IDR
SOP-14
2500
Tape and reel
UMW LMV324IPWR
TSSOP-14
2000
Tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com