Electronic Components Datasheet Search
  English  ▼

X  

MAX232 Datasheet(PDF) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # MAX232
Description  5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

MAX232 Datasheet(HTML) 6 Page - Guangdong Youtai Semiconductor Co., Ltd.

  MAX232 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. MAX232 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. MAX232 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. MAX232 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. MAX232 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. MAX232 Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PACKAGEOUTLINE
L
E1
E
e
b
D
A2 A
A1
SYMBOL
MILLIMETER
MIN NOM MAX
A
1.80
A1
0.10 0.15
0.25
A2
1.25 1.45
1.65
b
0.33
0.51
c
0.17
0.25
D
9.50
10.20
E
5.80
6.00
6.20
E1
3.70
4.10
e
1.27BSC
L
0.45
0.60
0.80
www.umw-ic.com
6
友台半导体有限公司
Ordering information
+5 V-Powered,Multi-Channel RS-232 Drivers/Receivers
UMW
R
MAX232
Order code
Package
Baseqty
Deliverymode Operating temperature range
UMW MAX232D
SOP-16
2500
Tape and reel
0°C - +70°C
SOP-16
UNIT:mm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com