Electronic Components Datasheet Search
  English  ▼

X  

MAX485ESA Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # MAX485ESA
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

MAX485ESA Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  MAX485ESA Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. MAX485ESA Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. MAX485ESA Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. MAX485ESA Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. MAX485ESA Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. MAX485ESA Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Low-Power, Slew-Rate-Limited RS-485/RS-422
Transceivers
General Description
The MAX485 is low-power transceivers for RS-485 and RS-
422 communication. IC contains one driver and one receiver.
The driver slew rates of the MAX485 is not limited, allowing
them to transmit up to 2.5Mbps.
These transceivers draw between 120µA and 500µA of
supply current when unloaded or fully loaded with disabled
drivers. All parts operate from a single 5V supply. Drivers are
short-circuit current limited and are protected against
excessive power dissipation by thermal shutdown circuitry
that places the driver outputs into a high-impedance state.
The receiver input has a fail-safe feature that guarantees a
logic-high output if the input is open circuit. The MAX485 is
designed for half-duplex applications.
Features
Low Quiescent Current: 300µA
-7V to +12V Common-Mode Input Voltage Range
Three-State Outputs
30ns Propagation Delays, 5ns Skew
Full-Duplex and Half-Duplex Versions Available
Operate from a Single 5V Supply
Allows up to 32 Transceivers on the Bus
Data rate: 2,5 Mbps
Current-Limiting and Thermal Shutdown for Driver Overload Protection
UMW
MAX485E
R
www.umw-ic.com
1
友台半导体有限公司


Similar Part No. - MAX485ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX485ESA MAXIM-MAX485ESA Datasheet
439Kb / 19P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 8; 10/03
logo
EVER SEMICONDUCTOR CO.,...
MAX485ESA EVVOSEMI-MAX485ESA Datasheet
414Kb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev:2023A2
More results

Similar Description - MAX485ESA

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
ILX3485 IKSEMICON-ILX3485 Datasheet
232Kb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176 TGS-SN75176 Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
ST3485EBDR TECHPUBLIC-ST3485EBDR Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
TP3485ES8 TECHPUBLIC-TP3485ES8 Datasheet
3Mb / 9P
Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com