Electronic Components Datasheet Search
  English  ▼

X  

MMBZ12VAL Datasheet(PDF) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # MMBZ12VAL
Description  Common Anode Zeners for ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

MMBZ12VAL Datasheet(HTML) 1 Page - Guangdong Youtai Semiconductor Co., Ltd.

  MMBZ12VAL Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. MMBZ12VAL Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. MMBZ12VAL Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. MMBZ12VAL Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. MMBZ12VAL Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Common Anode Zeners for ESD Protection
DESCRIPTION
FEATURES
The dual monolithic silicon Zener diodes are
designed
for
applications
requiring
transient
overvoltage
protection
capability.
They
are
intended for use in voltage and ESD sensitive
equipment such as computers, printers, business
machines,
communication
systems,
medical
equipment and other applications. Their dual
junction common anode design protects two
separate lines using only one package. These
devices ideal for situations where board space is
at a premium.
SOT-23 package allows either two separate
unidirectional
configurations
or
a
single
bidirectional configuration.
Working peak reverse voltage 3V to 22V
Standard Zener breakdown voltage 5.6V to 27V
Peak power 24 or Watts @ 1.0ms (unidirectional)
per Figure 6 Waveform
ESD Rating:
Class 3B (>16kV) per the Human Body Model
Class C (>400V) per Machine Model
ESD Rating of IEC61000-4-2 level 4, ±30kV
contact Discharge
Low leakage < 5.0
μA
MACHANICAL DATA
SOT-23 package
Flammability Rating: UL 94V-0
Packaging: Tape and Reel
High temperature soldering guaranted:260℃/10s
APPLICATIONS
Computers
Printers
Business Machines
Communication systems
Medical equipment
MMBZxxxALT1G
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
■
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Units
PPK
Peak Power Dissipation @1.0ms
MMBZ5V6AL thru MMBZ6V8AL
MMBZ12VAL thru MMBZ27VAL
24
40
W
PD
Total Power Dissipation
200
mW
TOPT
Operating Temperature
-55/+150
°C
TSTG
Storage Temperature
-55/+150
°C
www.umw-ic.com
1
友台半导体有限公司
UMW
R


Similar Part No. - MMBZ12VAL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ12VAL ONSEMI-MMBZ12VAL Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
logo
NXP Semiconductors
MMBZ12VAL NXP-MMBZ12VAL Datasheet
78Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-1 September 2008
logo
Rohm
MMBZ12VAL ROHM-MMBZ12VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
MMBZ12VAL ROHM-MMBZ12VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
MMBZ12VAL ROHM-MMBZ12VAL Datasheet
1Mb / 10P
Transient Voltage suppressor
More results

Similar Description - MMBZ12VAL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NZL5V1AXV3T1 ONSEMI-NZL5V1AXV3T1 Datasheet
68Kb / 6P
Zener Voltage Regulators (SC-89 Dual Common Anode Zeners for ESD Protection)
June, 2003 - Rev. 0
NZL5V6ATT1 ONSEMI-NZL5V6ATT1 Datasheet
122Kb / 4P
SC75 Dual Common Anode Zener for ESD Protection
May, 2006 ??Rev. 3
MA3075WALT1 ONSEMI-MA3075WALT1_05 Datasheet
54Kb / 4P
Zener Transient Voltage Suppressor SOT??3 Dual Common Anode Zeners for ESD Protection
December, 2005 ??Rev. 2
NZ23C5V6ALT1G ONSEMI-NZ23C5V6ALT1G Datasheet
150Kb / 7P
24 Watt Peak Power Zener Transient Voltage Suppressors SOT??3 Dual Common Anode Zeners for ESD Protection
December, 2009 ??Rev. 0
logo
Diodes Incorporated
DMF05LCFLP DIODES-DMF05LCFLP Datasheet
82Kb / 4P
FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
DS32004 Rev. 3 - 2
logo
Isahaya Electronics Cor...
INTB18VAC1 ISAHAYA-INTB18VAC1 Datasheet
429Kb / 3P
FOR ESD PROTECTION SILICON EPITAXIAL TYPE(COMMON ANODE)
logo
Rectron Semiconductor
ESDXXXAL RECTRON-ESDXXXAL Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
ESDXXXALV RECTRON-ESDXXXALV Datasheet
754Kb / 6P
Common Anode Zeners for ESD Protection
TEPXXCL RECTRON-TEPXXCL Datasheet
535Kb / 6P
Common Cathode Zeners for ESD Protection
logo
TECH PUBLIC Electronics...
MMBZ27VALT1G TECHPUBLIC-MMBZ27VALT1G Datasheet
996Kb / 4P
Dual Common Anode zeners for ESD Protection
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com