Electronic Components Datasheet Search
  English  ▼

X  

SR2.8 Datasheet(PDF) 2 Page - Protek Devices

Part # SR2.8
Description  STEERING DIODE/TVS ARRAY COMBO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SR2.8 Datasheet(HTML) 2 Page - Protek Devices

  SR2.8 Datasheet HTML 1Page - Protek Devices SR2.8 Datasheet HTML 2Page - Protek Devices SR2.8 Datasheet HTML 3Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SR2.8
&
SR3.3
2
05167.R5 6/06
www.protekdevices.com
DEVICE CHARACTERISTICS
0
5
10
15
20
25
30
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 2
PULSE WAVE FORM
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
10
100
1,000
10,000
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
300W, 8/20µs Waveform
Storage Temperature
SYMBOL
VALUE
300
Watts
°C
-55°C to 150°C
UNITS
TSTG
PPP
PARAMETER
Peak Pulse Power (tp = 8/20µs) - See Figure 1
Operating Temperature
T
J
-55°C to 150°C
°C
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Forward Surge Rating (1/20s @ 25°C, I
F = 10mA)
V F
1.0
Volts
Peak Pulse Current (tp = 8/20µs)
Amps
30
IPP
Note 1: From Pin 4 to 1.
Note 2: From Pin 1 to 3, 1 to 2, 3 to 4, 2 to 4.
PART
NUMBER
DEVICE
MARKING
MINIMUM
SNAP-BACK
VOLTAGE
@ 50mA
V
(SB)
VOLTS
MINIMUM
BREAKDOWN
VOLTAGE
(See Note 1)
@ 2µA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
(See Note 1)
@ I
P = 1A
V
C
VOLTS
TYPICAL
CAPACITANCE
(See Note 2)
@ 0V, 1MHz
C
J(SD)
pF
SR2.8
SR3.3
2A
3A
2.8
3.3
3.0
3.5
5.0
7.0
4.5
4.5
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
(See Note 1)
@ 8/20µs
V
C
VOLTS
8.5V @ 5A
15V @ 10A
RATED
STAND-OFF
VOLTAGE
(See Note 1)
V
WM
VOLTS
2.8
3.3
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
1.0
1.0
MAXIMUM
LEAKAGE
CURRENT
(See Note 1)
@ V
WM
I
D
µA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com