Electronic Components Datasheet Search
  English  ▼

X  

LCE2009S Datasheet(PDF) 7 Page - NXP Semiconductors

Part # LCE2009S
Description  NPN microwave power transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LCE2009S Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button LCE2009S Datasheet HTML 3Page - NXP Semiconductors LCE2009S Datasheet HTML 4Page - NXP Semiconductors LCE2009S Datasheet HTML 5Page - NXP Semiconductors LCE2009S Datasheet HTML 6Page - NXP Semiconductors LCE2009S Datasheet HTML 7Page - NXP Semiconductors LCE2009S Datasheet HTML 8Page - NXP Semiconductors LCE2009S Datasheet HTML 9Page - NXP Semiconductors LCE2009S Datasheet HTML 10Page - NXP Semiconductors LCE2009S Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
1997 Mar 03
7
Philips Semiconductors
Product specification
NPN microwave power transistors
LBE2003S; LBE2009S;
LCE2009S
Table 2
Scattering parameters LBE2009S; LCE2009S: VCE = 18 V; IC = 110 mA (VCE and IC regulated); Tmb =25 °C;
Zo =50 Ω; typical values. (The figures given between brackets are values in dB).
f
(MHz)
s11
s21
s12
s22
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
MAGNITUDE
(ratio)
ANGLE
(deg)
500
0.70
177
0.029 (
−30.7)
50
7.55 (17.6)
83
0.25
−48
600
0.70
171
0.033 (
−29.6)
51
6.43 (16.2)
77
0.22
−50
700
0.70
168
0.036 (
−29.0)
53
5.46 (14.6)
73
0.23
−52
800
0.70
163
0.039 (
−28.4)
54
4.80 (13.6)
68
0.22
−54
900
0.71
159
0.041 (
−27.8)
54
4.27 (12.6)
64
0.22
−56
1000
0.71
155
0.045 (
−27.0)
55
3.84 (11.7)
60
0.21
−59
1100
0.71
151
0.049 (
−26.2)
54
3.53 (11.0)
56
0.21
−62
1200
0.71
148
0.054 (
−25.4)
54
3.27 (10.3)
52
0.21
−65
1300
0.71
144
0.060 (
−24.5)
53
3.01 (9.6)
48
0.20
−74
1400
0.72
143
0.066 (
−23.6)
54
2.80 (9.0)
45
0.20
−79
1500
0.72
136
0.070 (
−23.1)
52
2.61 (8.3)
41
0.21
−80
1600
0.72
133
0.075 (
−22.5)
53
2.47 (7.9)
38
0.21
−83
1700
0.72
130
0.080 (
−21.9)
51
2.33 (7.3)
34
0.22
−87
1800
0.73
127
0.084 (
−21.5)
49
2.18 (6.8)
30
0.22
−90
1900
0.73
123
0.087 (
−21.2)
48
2.05 (6.3)
26
0.22
−94
2000
0.74
120
0.090 (
−20.9)
46
1.97 (5.9)
23
0.22
−97
2200
0.75
114
0.100 (
−20.0)
43
1.78 (5.0)
15
0.22
−109
2400
0.77
108
0.112 (
−19.0)
40
1.63 (4.3)
10
0.21
−122
2600
0.79
103
0.123 (
−18.2)
37
1.51 (3.6)
2
0.24
−133
2800
0.80
97
0.129 (
−17.8)
33
1.36 (2.7)
−4
0.25
−143
3000
0.81
92
0.134 (
−17.5)
30
1.28 (2.1)
−11
0.27
−151
3200
0.83
88
0.143 (
−16.9)
26
1.15 (1.2)
−17
0.28
−163
3400
0.85
85
0.152 (
−16.4)
24
1.10 (0.9)
−21
0.30
−173
3600
0.86
82
0.163 (
−15.8)
20
1.00 (0)
−28
0.34
178
3800
0.87
79
0.168 (
−15.5)
17
0.96 (
−0.4)
−32
0.37
173
4000
0.88
75
0.175 (
−15.2)
14
0.88 (
−1.1)
−39
0.41
168
4200
0.88
71
0.180 (
−14.9)
11
0.83 (
−1.6)
−42
0.42
162
4400
0.89
69
0.193 (
−14.3)
8
0.79 (
−2.1)
−48
0.45
155
4600
0.90
66
0.200 (
−14.0)
5
0.74 (
−2.6)
−51
0.48
149
4800
0.90
64
0.211 (
−13.5)
2
0.71 (
−3.0)
−56
0.52
145
5000
0.90
61
0.214 (
−13.4)
−2
0.66 (
−3.6)
−59
0.55
144
LCE2009S IS A MAINTENANCE TYPE - NOT RECOMMENDED FOR NEW DESIGNS; SEE INDEX SECTION OF SC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com