Electronic Components Datasheet Search
  English  ▼

X  

SR260 Datasheet(PDF) 2 Page - RFE international

Part # SR260
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

SR260 Datasheet(HTML) 2 Page - RFE international

  SR260 Datasheet HTML 1Page - RFE international SR260 Datasheet HTML 2Page - RFE international SR260 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PREFERED P/N
PACKAGE CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
SR220~SR2200
D1
Approximate 0.38
3000
3000
30000
Tape
SR220~SR2200
C1
Approximate 0.38
500
500
25000
Bulk
0.01
0.02
0.2
0.1
0.2
0.4
1.0
2.0
4.0
10
20
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
FIG.3: Forward Voltage
TJ=25
Pulse width=300us
1% Duty Cycle
Tj=25
Tj=100
0.001
0.01
0
20
40
60
80
100
0.1
1.0
10
100
SR2100-SR2200
SR260
SR220-SR240
FIG.4: Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage (%)
Number of Cycles
FIG.2: Forward Surge Current Capability
8.3ms Single Half Sine Wave
JEDEC Method
1
2
4
6 8 10
20
40 60 80 100
10
20
30
40
50
0
0
50
100
150
Single Phase
Half Wave 60HZ
Resistive or
Inductive Load
0.375''(9.5mm)
Lead Length
100
0
0.8
1.2
1.6
2.0
0.4
Ambient Temperature ( )
FIG.1: Io-Ta Curve
Schottky Barrier Rectifiers
SR220 Through SR2200
DO-204AC(DO-15)
PACKAGING INFORMATION
CHARACTERISTICS (TYPICAL)
11-02-2022
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com