Electronic Components Datasheet Search
  English  ▼

X  

RT011011DN Datasheet(PDF) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # RT011011DN
Description  RF Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

RT011011DN Datasheet(HTML) 1 Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

  RT011011DN Datasheet HTML 1Page - GUANGDONG MISUN TECHNOLOGY CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RF Transformer
REV :A
RoHS Compliant
Frequency 2-68MHz
Operating temperature: -40℃ to +85℃
Storage temperature: -40℃ to +85℃
Electrical Specification @25℃
PART No.
Turns Ratio
OCL@100KHZ,0.1V
Insertion Loss
RT011011DN
(1-3):(4-6)
18.0uH±30%
2-68 MHz
1:1
3.0 dB MAX
Continue
DCR
HI-POT
1-3
4-6
Pri to Sec
150mΩ MAX
160mΩ MAX
3000VAC
MECHANICAL(Unit:mm)
SCHEMATICS
G u a n g Do n g M IS U N Te c h n o l o g y C o . , L t d
TE L : +8 6 - 7 6 9 - 8 6 7 6 1 5 8 9
FA X : +8 6 - 7 6 9 - 8 6 7 6 1 5 4 9


Similar Part No. - RT011011DN

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RT010 MACOM-RT010 Datasheet
326Kb / 5P
Pushbutton Switches, 22mm, Oil-Tight, Round
logo
YAGEO Corporation
RT0100LRA07XXXXL YAGEO-RT0100LRA07XXXXL Datasheet
427Kb / 9P
THIN FILM CHIP RESISTORS High precision - high stability
November 23, 2022 V.14
logo
Vishay Siliconix
RT012ACF0R01JB VISHAY-RT012ACF0R01JB Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT012ACF0R01KB VISHAY-RT012ACF0R01KB Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
RT012ACF2002JB VISHAY-RT012ACF2002JB Datasheet
97Kb / 4P
Wirewound Rheostat / Potentiometer
24-Aug-16
More results

Similar Description - RT011011DN

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com