Electronic Components Datasheet Search
  English  ▼

X  

LF198FE Datasheet(PDF) 5 Page - NXP Semiconductors

Part # LF198FE
Description  Sample-and-hold amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LF198FE Datasheet(HTML) 5 Page - NXP Semiconductors

  LF198FE Datasheet HTML 1Page - NXP Semiconductors LF198FE Datasheet HTML 2Page - NXP Semiconductors LF198FE Datasheet HTML 3Page - NXP Semiconductors LF198FE Datasheet HTML 4Page - NXP Semiconductors LF198FE Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
LF198/LF298/LF398
Sample-and-hold amplifiers
August 31, 1994
883
TYPICAL AC PERFORMANCE CHARACTERISTICS (Continued)
Dynamic Sampling Error
Output Droop Rate
‘Hold’ Sampling Time
Phase And Gain
(Input to Output, Small-Signal)
Power Supply Rejection
Output Noise
Feedthrough Rejection Ratio
(Hold Mode)
100
10
1
–10
–100
0.1
1
10
100
1000
INPUT SLEW RATE (V/ms)
330pF
1000pF
330pF
±
10
0
10
–1
10
–2
10
–3
10
–4
100pF
1000pF
0.01
µF
0.1
µF
1
µF
TJ =25°C
TJ =85°C
HOLD CAPACITOR
V+ = V– = 15V
SETTLING TIME
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
–50 –25
0
25
50
75
100 125
150
JUNCTION TEMPERATURE (
°C)
160
140
120
100
80
60
40
20
0
10
100
1k
10k
100k
FREQUENCY (Hz)
‘HOLD’ MODE
SAMPLE
MODE
NEGATIVE
MODE
POSITIVE
MODE
TJ =25°C
V+ = V– = 15V
VOUT = 0°C
160
140
120
100
80
60
40
20
0
100
1k
10k
100k
1M
Ch = 1000pF
Ch ≥ 0.01µF
Ch = 1000pF
Ch = 0.01µF
Ch ≥ 0.01µF
Ch = 0
Ch = 0
5
0
–5
–10
80
70
60
50
40
30
20
10
0
1k
10k
100k
1M
10M
FREQUENCY (Hz)
–130
–120
–110
–100
–90
–80
–70
–60
–50
100
1k
10k
100k
1M
100
10
Ch = 0.01µF
Ch = 1000pF
Ch = 0.1µF
V+ = V– = 15V
TJ =25°C
VIN = 10Vp-p
V7.8 = 0
FREQUENCY (Hz)
FREQUENCY (Hz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com