Electronic Components Datasheet Search
  English  ▼

X  

VSMF05LCC Datasheet(PDF) 2 Page - Protek Devices

Part # VSMF05LCC
Description  LOW CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

VSMF05LCC Datasheet(HTML) 2 Page - Protek Devices

  VSMF05LCC Datasheet HTML 1Page - Protek Devices VSMF05LCC Datasheet HTML 2Page - Protek Devices VSMF05LCC Datasheet HTML 3Page - Protek Devices VSMF05LCC Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
05258.R1 11/06
www.protekdevices.com
VSMF05LCC
DEVICE CHARACTERISTICS
Storage Temperature
SYMBOL
VALUE
1.0
V
°C
-55°C to 150°C
UNITS
TSTG
V F
PARAMETER
Maximum Forward Voltage @ 10mA
Peak Pulse Power (t
p = 8/20µs) - See Figure 1
P
PP
25
Watts
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Operating Temperature
T
J
-55°C to 150°C
°C
Note 1: Pins 1, 3, 4, 5, or 6 to pin 2.
PART
NUMBER
DEVICE
MARKING
MINIMUM
BREAKDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
MAXIMUM
CLAMPING
VOLTAGE
(See Fig. 2)
@8/20µs
VC @ IPP
TYPICAL
CAPACITANCE
(See Note 1)
0V @ 1 MHz
C
pF
VSMF05LCC
5B
6.0
12.0V @ 2.0A
9
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
1
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
5.0
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
0
5
10
15
20
25
30
FIGURE 2
PULSE WAVE FORM
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
0.01
1
10
100
1,000
10,000
t
d - Pulse Duration - µs
t - Time - µs
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
1
10
100
1,000
25W, 8/20µs Waveform



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com