Electronic Components Datasheet Search
  English  ▼

X  

3KP Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # 3KP
Description  5.0 To 190V 3000W Axial Lead Transient Voltage Suppressors (TVS)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

3KP Datasheet(HTML) 2 Page - UN Semiconducctor INC

  3KP Datasheet HTML 1Page - UN Semiconducctor INC 3KP Datasheet HTML 2Page - UN Semiconducctor INC 3KP Datasheet HTML 3Page - UN Semiconducctor INC 3KP Datasheet HTML 4Page - UN Semiconducctor INC 3KP Datasheet HTML 5Page - UN Semiconducctor INC 3KP Datasheet HTML 6Page - UN Semiconducctor INC 3KP Datasheet HTML 7Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
Axial Lead Transient Voltage Suppressors (TVS)
ROHS
3KP Series
5.0 To 190V 3000W
Electrical Characteristics(TA=25℃ unless otherwise noted )
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
1000
1000
1000
1000
500
500
200
200
100
100
50
50
25
25
10
10
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
3KP5.0
3KP5.0A
3KP6.0
3KP6.0A
3KP6.5
3KP6.5A
3KP7.0
3KP7.0A
3KP7.5
3KP7.5A
3KP8.0
3KP8.0A
3KP8.5
3KP8.5A
3KP9.0
3KP9.0A
3KP10
3KP10A
3KP11
3KP11A
3KP12
3KP12A
3KP13
3KP13A
3KP14
3KP14A
3KP15
3KP15A
3KP16
3KP16A
3KP17
3KP17A
3KP18
3KP18A
3KP19
3KP19A
3KP20
3KP20A
3KP22
3KP22A
3KP24
3KP24A
3KP26
3KP26A
3KP28
3KP28A
3KP30
3KP30A
3KP33
3KP33A
3KP36
3KP36A
3KP40
3KP40A
3KP5.0C
3KP5.0CA
3KP6.0C
3KP6.0CA
3KP6.5C
3KP6.5CA
3KP7.0C
3KP7.0CA
3KP7.5C
3KP7.5CA
3KP8.0C
3KP8.0CA
3KP8.5C
3KP8.5CA
3KP9.0C
3KP9.0CA
3KP10C
3KP10CA
3KP11C
3KP11CA
3KP12C
3KP12CA
3KP13C
3KP13CA
3KP14C
3KP14CA
3KP15C
3KP15CA
3KP16C
3KP16CA
3KP17C
3KP17CA
3KP18C
3KP18CA
3KP19C
3KP19CA
3KP20C
3KP20CA
3KP22C
3KP22CA
3KP24C
3KP24CA
3KP26C
3KP26CA
3KP28C
3KP28CA
3KP30C
3KP30CA
3KP33C
3KP33CA
3KP36C
3KP36CA
3KP40C
3KP40CA
5.0
5.0
6.0
6.0
6.5
6.5
7.0
7.0
7.5
7.5
8.0
8.0
8.5
8.5
9.0
9.0
10.0
10.0
11.0
11.0
12.0
12.0
13.0
13.0
14.0
14.0
15.0
15.0
16.0
16.0
17.0
17.0
18.0
18.0
19.0
19.0
20.0
20.0
22.0
22.0
24.0
24.0
26.0
26.0
28.0
28.0
30.0
30.0
33.0
33.0
36.0
36.0
40.0
40.0
6.40
6.40
6.67
6.67
7.22
7.22
7.78
7.78
8.33
8.33
8.89
8.89
9.44
9.44
10.00
10.00
11.10
11.10
12.20
12.20
13.30
13.30
14.40
14.40
15.60
15.60
16.70
16.70
17.80
17.80
18.90
18.90
20.00
20.00
21.13
21.10
22.20
22.20
24.40
24.40
26.70
26.70
28.90
28.90
31.10
31.10
33.30
33.30
36.70
36.70
40.00
40.00
44.40
44.40
7.30
7.00
8.15
7.37
8.82
7.98
9.51
8.60
10.20
9.21
10.90
9.83
11.50
10.40
12.20
11.10
13.60
12.30
14.90
13.50
16.30
14.70
17.60
15.90
19.10
17.20
20.40
18.50
21.80
19.70
23.10
20.90
24.40
22.10
25.76
23.30
27.10
24.50
29.80
26.90
32.60
29.50
35.30
31.90
38.00
34.40
40.70
36.80
44.90
40.60
48.90
44.20
54.30
49.10
50
50
50
50
50
50
50
50
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
9.6
9.2
11.4
10.3
12.3
11.2
13.3
12.0
14.3
12.9
15.0
13.6
15.9
14.4
16.9
15.4
18.8
17.0
20.1
18.2
22.0
19.9
23.8
21.5
25.8
23.2
26.9
24.4
28.8
26.0
30.5
27.6
32.2
29.2
34.0
30.8
35.8
32.4
39.4
35.5
43.0
38.9
46.6
42.1
50.0
45.4
53.5
48.4
59.0
53.3
64.3
58.1
71.4
64.5
312.50
326.09
263.16
291.26
243.90
267.86
225.56
250.00
209.79
232.56
200.00
220.59
188.68
208.33
177.51
194.81
159.57
176.47
149.25
164.84
136.36
150.75
126.05
139.53
116.28
129.31
111.52
122.95
104.17
115.38
98.36
108.70
93.17
102.74
88.21
97.47
83.80
92.59
76.14
84.51
69.77
77.12
64.38
71.26
60.00
66.08
56.07
61.98
50.85
56.29
46.66
51.64
42.02
46.51
1/6
2/6
3/6
4/6
5/6
6/6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com