Electronic Components Datasheet Search
  English  ▼

X  

DDA124EU Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDA124EU
Description  PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDA124EU Datasheet(HTML) 1 Page - Diodes Incorporated

  DDA124EU Datasheet HTML 1Page - Diodes Incorporated DDA124EU Datasheet HTML 2Page - Diodes Incorporated DDA124EU Datasheet HTML 3Page - Diodes Incorporated DDA124EU Datasheet HTML 4Page - Diodes Incorporated DDA124EU Datasheet HTML 5Page - Diodes Incorporated DDA124EU Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS30346 Rev. 7 - 2
1 of 6
DDA (xxxx) U
www.diodes.com
ã Diodes Incorporated
·
Epitaxial Planar Die Construction
·
Built-In Biasing Resistors
·
Lead Free/RoHS Compliant (Note 3)
Characteristic
Symbol
Value
Unit
Supply Voltage, (1) to (6) and (4) to (3)
VCC
50
V
Input Voltage, (1) to (2) and (4) to (5)
DDA124EU
DDA144EU
DDA114YU
DDA123JU
DDA114EU
DDA113TU
DDA143TU
DDA114TU
VIN
+10 to -40
+10 to -40
+6 to -40
+5 to -12
+10 to -40
+5 Vmax
+5 Vmax
+5 Vmax
V
Output Current
DDA124EU
DDA144EU
DDA114YU
DDA123JU
DDA114EU
DDA113TU
DDA143TU
DDA114TU
IO
-30
-30
-70
-100
-50
-100
-100
-100
mA
Output Current
All
IC (Max)
-100
mA
Power Dissipation (Total)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
625
°C/W
Features
Maximum Ratings @ TA = 25°C unless otherwise specified
A
M
J
L
D
B C
H
K
G
F
PXX YM
Mechanical Data
·
Case: SOT-363
·
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
·
Moisture Sensitivity: Level 1 per J-STD-020C
·
Terminals: Solderable per MIL-STD-202, Method 208
·
Lead Free Plating (Matte Tin Finish annealed over Alloy
42 leadframe).
·
Terminal Connections: See Diagram
·
Marking: Date Code and Marking Code (See Diagrams &
Page 3)
·
Ordering Information (See Page 3)
·
Weight: 0.006 grams (approx.)
P/N
R1
R2
MARKING
DDA124EU
DDA144EU
DDA114YU
DDA123JU
DDA114EU
DDA113TU
DDA143TU
DDA114TU
22K
W
47K
W
10K
W
2.2K
W
10K
W
1K
W
4.7K
W
10K
W
22K
W
47K
W
47K
W
47K
W
10K
W
¾
¾
¾
P17
P20
P14
P06
P13
P01
P07
P12
R1
R1
R2
6
5
4
1
2
3
R2
R1
6
5
4
3
2
1
R1
R1, R2
R1 Only
SCHEMATIC DIAGRAM
DDA (xxxx) U
PNP PRE-BIASED SMALL SIGNAL SOT-363
DUAL SURFACE MOUNT TRANSISTOR
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
¾
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
a
0
°
8°
All Dimensions in mm
Note:
1. Mounted on FR4 PC Board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
2. 150mW per element must not be exceeded.
3. No purposefully added lead.
SPICE MODEL: DDA124EU DDA144EU DDA114YU DDA123JU DDA114EU DDA143TU DDA114TU


Similar Part No. - DDA124EU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDA124EU DIODES-DDA124EU Datasheet
88Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 2 - 2
DDA124EU DIODES-DDA124EU Datasheet
67Kb / 2P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 1 - 1
DDA124EU DIODES-DDA124EU Datasheet
219Kb / 5P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 9 - 2
DDA124EU-7 DIODES-DDA124EU-7 Datasheet
88Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-63 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 2 - 2
DDA124EU DIODES-DDA124EU_2 Datasheet
219Kb / 5P
PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 9 - 2
More results

Similar Description - DDA124EU

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX124EU DIODES-DCX124EU Datasheet
120Kb / 8P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 2 - 2
DDC124EU DIODES-DDC124EU Datasheet
100Kb / 5P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 3 - 2
DCX122LU DIODES-DCX122LU Datasheet
81Kb / 4P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30425 Rev. 3 - 2
DCXU DIODES-DCXU Datasheet
75Kb / 3P
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30347 Rev. 1 - 1
DDAXXXXU DIODES-DDAXXXXU Datasheet
67Kb / 2P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30346 Rev. 1 - 1
DDCXXXXU DIODES-DDCXXXXU Datasheet
67Kb / 2P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 1 - 1
DDC124EU DIODES-DDC124EU_1 Datasheet
106Kb / 6P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30345 Rev. 7 - 2
DDA124EH DIODES-DDA124EH_1 Datasheet
89Kb / 5P
PNP PRE-BIASED SMALL SIGNAL SOT-563 DUAL SURFACE MOUNT TRANSISTOR
DS30420 Rev. 3 - 2
DDA122LU DIODES-DDA122LU Datasheet
77Kb / 3P
PNP PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30423 Rev. 4 - 2
DDC122LU DIODES-DDC122LU Datasheet
68Kb / 3P
NPN PRE-BIASED SMALL SIGNAL SOT-363 DUAL SURFACE MOUNT TRANSISTOR
DS30424 Rev. 4 - 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com