Electronic Components Datasheet Search
  English  ▼

X  

8KP22A Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # 8KP22A
Description  8000W Surface Mount Transient Voltage Suppressors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

8KP22A Datasheet(HTML) 2 Page - UN Semiconducctor INC

  8KP22A Datasheet HTML 1Page - UN Semiconducctor INC 8KP22A Datasheet HTML 2Page - UN Semiconducctor INC 8KP22A Datasheet HTML 3Page - UN Semiconducctor INC 8KP22A Datasheet HTML 4Page - UN Semiconducctor INC 8KP22A Datasheet HTML 5Page - UN Semiconducctor INC 8KP22A Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Surface Mount Transient Voltage Suppressors
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
2/5
Electrical Characteristics (TA=25℃ unless otherwise Specified)
Part Number
Uni
Bi
Reverse
Stand-Off
Voltage
VRWM (V)
Breakdown
Voltage VBR (V)
@IT
Maximum
Clamping
Voltage VC
@IPP (V)
Maximum
Peak
Pulse
Current
IPP (A)
Maximum
Reverse
Leakage IR
@VRWM
(μA)
Test
Current
IT (mA)
MIN
MAX
8KP22A
8KP24A
8KP30A
8KP33A
8KP36A
8KP40A
8KP43A
22
24
30
33
36
40
43
24.4
26.7
33.3
36.7
40.0
44.4
47.8
26.9
29.5
36.8
40.6
44.2
49.1
52.8
35.5
38.9
48.4
53.3
58.1
64.5
69.4
225
206
165
150
138
124
115
8KP22CA
8KP24CA
8KP30CA
8KP33CA
8KP36CA
8KP40CA
8KP43CA
5
5
5
5
5
5
5
5
5
5
5
5
5
5
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Figure 1 - Peak Pulse Power Rating Curve
Figure 2 - Pulse Derating Curve
Figure 3 - Pulse Waveform
Figure 4 - Typical Junction Capacitance
Note:(1)Add suffix ' CA ' after part number to specify Bi-directional devices ;(2)Suffix 'A ' denotes 5% tolerance device
8KP Series
8000W
0.1
1
10
100
10ms
0.1µs
1.0µs
10µs
100µs
1.0ms
td - Pulse Width (sec.)
Non-repetitive pulse
waveform shown in
Fig.3 TA = 25°C
0
1.0
2.0
tr = 10µsec.
Peak Value
IPPM
TJ = 25°C
Pulse Width(td)is
defined as the point
where the peak current
decays to 50% of IPPM
10/1000µsec.Wavefor
m as defined by R.E.A.
td
4.0
50
Half Value- IPPM
3.0
0
t - Time(ms)
150
100
100
1000
10000
100000
1
100
1000
200
Measured
at
TJ = 25°C
f = 1MHZ
Vsig = 50mVp-p
10
V(br) ,Breakdown voltage,volts
Zero Bins
Measured at
Stand-off
Vottage,



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com