Electronic Components Datasheet Search
  English  ▼

X  

DCX124EU Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DCX124EU
Description  SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX124EU Datasheet(HTML) 4 Page - Diodes Incorporated

  DCX124EU Datasheet HTML 1Page - Diodes Incorporated DCX124EU Datasheet HTML 2Page - Diodes Incorporated DCX124EU Datasheet HTML 3Page - Diodes Incorporated DCX124EU Datasheet HTML 4Page - Diodes Incorporated DCX124EU Datasheet HTML 5Page - Diodes Incorporated DCX124EU Datasheet HTML 6Page - Diodes Incorporated DCX124EU Datasheet HTML 7Page - Diodes Incorporated DCX124EU Datasheet HTML 8Page - Diodes Incorporated DCX124EU Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS30347 Rev. 8 - 2
4 of 11
DCX (xxxx) U
www.diodes.com
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Year
2006
2007
2008
2009
2010
2011
2012
Code
T
U
V
W
X
Y
Z
Date Code Key
CXX = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: T = 2006
M = Month ex: 9 = September
CXX YM
Marking Information
Device
Packaging
Shipping
DCX124EU-7-F
SOT-363
3000/Tape & Reel
DCX144EU-7-F
SOT-363
3000/Tape & Reel
DCX114YU-7-F
SOT-363
3000/Tape & Reel
DCX123JU-7-F
SOT-363
3000/Tape & Reel
DCX114EU-7-F
SOT-363
3000/Tape & Reel
DCX143TU-7-F
SOT-363
3000/Tape & Reel
DCX143EU-7-F
SOT-363
3000/Tape & Reel
DCX114TU-7-F
SOT-363
3000/Tape & Reel
Ordering Information (Note 4)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Input Voltage
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143EU
Vl(off)
-0.5
-0.5
-0.3
-0.5
-0.5
-0.5
-1.1
-1.1
-1.1
-1.16
V
VCC = -5V, IO = -100
µA
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143EU
Vl(on)
-1.9
-1.9
-1.9
-2.5
-3.0
-3.0
-1.4
-1.1
-3.0
-3.0
VO = -0.3, IO = -5mA
VO = -0.3, IO =- 2mA
VO = -0.3, IO = -1mA
VO = -0.3, IO = -5mA
VO = -0.3, IO = -10mA
VO = -0.3, IO = -20mA
Output Voltage
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143EU
VO(on)
-0.1
-0.3
V
IO/Il = -10mA / -0.5mA
IO/Il = -10mA / -0.5mA
IO/Il = -5mA / -0.25mA
IO/Il = -5mA / -0.25mA
IO/Il = -10mA /- 0.5mA
IO/Il = -10mA /- 0.5mA
Input Current
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143EU
Il
-0.36
-0.18
-0.88
-3.6
-0.88
-0.88
mA
VI = -5V
Output Current
IO(off)
-0.5
µA
VCC = 50V, VI = 0V
DC Current Gain
DCX124EU
DCX144EU
DCX114YU
DCX123JU
DCX114EU
DCX143EU
Gl
56
68
68
80
30
40
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -10mA
VO = -5V, IO = -10mA
VO = -5V, IO = -5mA
VO = -5V, IO = -10mA
Input Resistor (R1) Tolerance
∆R1
-30
+30
%
Resistance Ratio Tolerance
R2/R1
-20
+20
%
Gain-Bandwidth Product
fT
250
MHz
VCE = -10V, IE = -5mA,
f = 100MHz
Electrical Characteristics PNP Section (Continued) @ TA = 25°C unless otherwise specified
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com