Electronic Components Datasheet Search
  English  ▼

X  

LF398FE Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LF398FE
Description  Sample-and-hold amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LF398FE Datasheet(HTML) 4 Page - NXP Semiconductors

  LF398FE Datasheet HTML 1Page - NXP Semiconductors LF398FE Datasheet HTML 2Page - NXP Semiconductors LF398FE Datasheet HTML 3Page - NXP Semiconductors LF398FE Datasheet HTML 4Page - NXP Semiconductors LF398FE Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
LF198/LF298/LF398
Sample-and-hold amplifiers
August 31, 1994
882
TYPICAL DC PERFORMANCE CHARACTERISTICS
JUNCTION TEMPERATURE (
°C)
Input Bias Current
Output Short Circuit Current
Gain Error
Hold Step
Leakage Current Into
Hold Capacitor
Hold Step Input Voltage
100
10
1
0.1
0.01
25
20
15
10
5
0
–5
–10
–15
–50
–25
0
25
50
75
100
125 150
JUNCTION TEMPERATURE (
°C)
100pF
1000pF
0.01
µF
0.1
µF
1
µF
HOLD CAPACITOR
V+ = V– = 15V
TJ = 25°C
100
10
1
10–1
10–2
–50
–25
0
25
50
75
100
125 150
–50
–25
0
25
50
75
100
125 150
JUNCTION TEMPERATURE (
°C)
VS = ±15V
VOUT = 0
HOLD MODE
20
18
16
14
12
10
8
6
4
2
0
SOURCING
SINKING
1
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1
–15
–10
–5
0
5
10
15
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
–15
–10
–5
0
5
10
15
TJ = 25°C
TJ = 55°C
TJ = 100°C
TJ = 25°C
RL = 10k
SAMPLE MODE
TYPICAL AC PERFORMANCE CHARACTERISTICS
Acquisition Time
Aperture Time
Capacitor Hysteresis
1
10
100
1000
1%
0.1%
0.01%
VIN = 0 TO ±10V
TJ = 25°C
HOLD CAPACITOR (
µF)
0.001
0.01
0.1
250
225
200
175
150
125
100
75
50
25
0
V+ = V– = 15V
∆VOUT ≤ 1mV
NEGATIVE
INPUT
STEP
∆VIN = 10V
POSITIVE
INPUT
STEP
–50
–25
0
25
50
75
100
125 150
JUNCTION TEMPERATURE (
°C)
100
10
1
0.1
100
10
1
0.1
SAMPLE TIME (ms)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com