Electronic Components Datasheet Search
  English  ▼

X  

TB1500L Datasheet(PDF) 4 Page - Diodes Incorporated

Part # TB1500L
Description  30A BI-DIRECTIONAL SURFACE MOUNT THYRISTOR SURGE PROTECTIVE DEVICE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

TB1500L Datasheet(HTML) 4 Page - Diodes Incorporated

  TB1500L Datasheet HTML 1Page - Diodes Incorporated TB1500L Datasheet HTML 2Page - Diodes Incorporated TB1500L Datasheet HTML 3Page - Diodes Incorporated TB1500L Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30359 Rev. 6 - 2
4 of 4
TB0640L - TB3500L
www.diodes.com
Ordering Information (Note 4)
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Device
Packaging
Shipping
TB0640L-13-F
SMB
3000/Tape & Reel
TB0720L-13-F
SMB
3000/Tape & Reel
TB0900L-13-F
SMB
3000/Tape & Reel
TB1100L-13-F
SMB
3000/Tape & Reel
TB1300L-13-F
SMB
3000/Tape & Reel
TB1500L-13-F
SMB
3000/Tape & Reel
TB1800L-13-F
SMB
3000/Tape & Reel
TB2300L-13-F
SMB
3000/Tape & Reel
TB2600L-13-F
SMB
3000/Tape & Reel
TB3100L-13-F
SMB
3000/Tape & Reel
TB3500L-13-F
SMB
3000/Tape & Reel
XXXXX
YWW
XXXXX = Product Type Marking Code (See Table on Page 2)
YWW = Date Code Marking
Y = Year ex: 2 = 2002
WW = Week
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
23
4
5
6
7
8
9
IMPORTANT NOTICE
LIFE SUPPORT
www.diodes.com
Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhance-
ments, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein;
neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such
use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages.
The products located on our website at
are not recommended for use in life support systems where a failure or malfunction of the
component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com