Electronic Components Datasheet Search
  English  ▼

X  

BSS123 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BSS123
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS123 Datasheet(HTML) 3 Page - Diodes Incorporated

  BSS123 Datasheet HTML 1Page - Diodes Incorporated BSS123 Datasheet HTML 2Page - Diodes Incorporated BSS123 Datasheet HTML 3Page - Diodes Incorporated BSS123 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS30366 Rev. 6 - 2
3 of 4
BSS123
www.diodes.com
Month
Jan
Feb
March
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
K23
K23 = Product Type Marking Code
YM = Date Code Marking
Y = Year ex: N = 2002
M = Month ex: 9 = September
Marking Information
Notes:
4. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Device
Packaging
Shipping
BSS123-7-F
SOT-23
3000/Tape & Reel
Ordering Information (Note 4)
0.4
0.8
1.2
-50
0
75
100
125 150
T , JUNCTION TEMPERATURE (ºC)
J
Fig. 4 On-Resistance Variation with Temperature
1.6
1.8
2.2
-25
25
50
0.6
1
1.4
2
V
= 10V
GS
I = 170m
D
0.7
0.8
0.9
-50
0
75
100
125 150
T , JUNCTION TEMPERATURE (ºC)
J
Fig. 3 Gate Threshold Variation with Temperature
1
1.1
1.2
-25
25
50
0
50
0
5
15
20
25
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Fig. 5 Typical Capacitance
10
40
30
10
20
Ciss
Coss
Crss
Year
2002
2003
2004
2005
2006
2007
2008
2009
Code
N
P
R
S
T
U
V
W
Date Code Key



Html Pages

1 2 3 4