Electronic Components Datasheet Search
  English  ▼

X  

LF298FE Datasheet(PDF) 3 Page - NXP Semiconductors

Part # LF298FE
Description  Sample-and-hold amplifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LF298FE Datasheet(HTML) 3 Page - NXP Semiconductors

  LF298FE Datasheet HTML 1Page - NXP Semiconductors LF298FE Datasheet HTML 2Page - NXP Semiconductors LF298FE Datasheet HTML 3Page - NXP Semiconductors LF298FE Datasheet HTML 4Page - NXP Semiconductors LF298FE Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
LF198/LF298/LF398
Sample-and-hold amplifiers
August 31, 1994
881
DC ELECTRICAL CHARACTERISTICS
Unless otherwise specified, the following conditions apply: unit is in “sample” mode; VS = ±15V; TJ = 25°C; -11.5V3 VIN ≤ +11.5V; CH=0.01µF;
and RL = 10kΩ. Logic reference voltage = 0V and logic voltage = 2.5V.
SYMBOL
PARAMETER
TEST CONDITIONS
LF198/LF298
LF398
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VOS
Input offset voltage4
TJ=25°C
1
3
2
7
mV
VOS
Input offset voltage4
Full temperature range
5
10
mV
IBIAS
Input bias current4
TJ=25°C
5
25
10
50
nA
IBIAS
Input bias current4
Full temperature range
75
100
nA
Input impedance
TJ=25°C
1010
1010
Ω
Gain error
TJ=25°C, RL=10k
0.002
0.005
0.004
0.01
%
Gain error
Full temperature range
0.02
0.02
%
Feedthrough attenuation
ratio at 1kHz
TJ=25°C, Ch=0.01µF
86
96
80
90
dB
Output impedance
TJ=25°C, “HOLD“ mode
0.5
2
0.5
4
Ω
Output impedance
Full temperature range
4
6
Ω
“HOLD“ step2
TJ=25°C, Ch=0.01µF, VOUT=0
0.5
2.0
1.0
2.5
mV
ICC
Supply current4
TJ ≤ 25°C
4.5
5.5
4.5
6.5
mA
Logic and logic reference
input current
TJ = 25°C
2
10
2
10
µA
Leakage current into hold
capacitor4
TJ=25°C, “HOLD“ mode
30
100
30
200
pA
tAC
Acquisition time to 0.1%
∆VOUT=10V, Ch=1000pF
4
4
µs
tAC
Acquisition time to 0.1%
Ch=0.01µF
20
20
µs
Hold capacitor charging
current
VIN-VOUT=2V
5
5
mA
Supply voltage rejection
ratio
VOUT=0
80
110
80
110
dB
Differential logic threshold
TJ=25°C
0.8
1.4
2.4
0.8
1.4
2.4
V
NOTES:
1. Unless otherwise specified, the following conditions apply. Unit is in “sample“ mode, VS=±15V, TJ=25°C, -11.5V ≤ VIN ≤ +11.5V, Ch = 0.01µF,
and RL = 10kΩ. Logic reference voltage = 0V and logic voltage = 2.5V.
2. Hold step is sensitive to stray capacitive coupling between input logic signals and the hold capacitor. 1pF, for instance, will create an
additional 0.5mV step with a 5V logic swing and a 0.01
µF hold capacitor. Magnitude of the hold step is inversely proportional to hold
capacitor value.
3. Leakage current is measured at a junction temperature of 25
°C. The effects of junction temperature rise due to power dissipation or elevated
ambient can be calculated by doubling the 25
°C value for each 11°C increase in chip temperature. Leakage is guaranteed over full input
signal range.
4. The parameters are guaranteed over a supply voltage of
±5 to ±18V.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com