Electronic Components Datasheet Search
  English  ▼

X  

AM29F400B Datasheet(PDF) 4 Page - Advanced Micro Devices

Part # AM29F400B
Description  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory-Die Revision 2
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400B Datasheet(HTML) 4 Page - Advanced Micro Devices

  AM29F400B_03 Datasheet HTML 1Page - Advanced Micro Devices AM29F400B_03 Datasheet HTML 2Page - Advanced Micro Devices AM29F400B_03 Datasheet HTML 3Page - Advanced Micro Devices AM29F400B_03 Datasheet HTML 4Page - Advanced Micro Devices AM29F400B_03 Datasheet HTML 5Page - Advanced Micro Devices AM29F400B_03 Datasheet HTML 6Page - Advanced Micro Devices AM29F400B_03 Datasheet HTML 7Page - Advanced Micro Devices AM29F400B_03 Datasheet HTML 8Page - Advanced Micro Devices AM29F400B_03 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Am29F400B Known Good Die
3
SU PP L E ME NT
PRODUCT SELECTOR GUIDE
DIE PHOTOGRAPH
DIE PAD LOCATIONS
Family Part Number
Am29F400B KGD
Speed Option
VCC = 5.0 V ± 5%
-75
VCC = 5.0 V ± 10%
-90
-120
Max access time, ns (tACC)70
90
120
Max CE# access time, ns (tCE)70
90
120
Max OE# access time, ns (tOE)30
35
50
2
3
4
5
6
7
8
9
13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29
AMD logo location
35
37
38
39
40
41
42
43
136
10
11
12
32
33
34
30 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com