Electronic Components Datasheet Search
  English  ▼

X  

AM29LV040B Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM29LV040B
Description  4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV040B Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM29LV040B Datasheet HTML 29Page - Advanced Micro Devices AM29LV040B Datasheet HTML 30Page - Advanced Micro Devices AM29LV040B Datasheet HTML 31Page - Advanced Micro Devices AM29LV040B Datasheet HTML 32Page - Advanced Micro Devices AM29LV040B Datasheet HTML 33Page - Advanced Micro Devices AM29LV040B Datasheet HTML 34Page - Advanced Micro Devices AM29LV040B Datasheet HTML 35Page - Advanced Micro Devices AM29LV040B Datasheet HTML 36Page - Advanced Micro Devices AM29LV040B Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 36 / 37 page
background image
36
Am29LV040B
21354E4 October 11, 2006
D A TA
SH EE T
REVISION SUMMARY
Revision A (January 1998)
Revision B (April 1998)
Expanded data sheet from Advanced Information to
Preliminary version.
Revision B+1 (November 1998)
Connection Diagrams
Corrected the standard TSOP pinout.
Revision C (January 1999)
Distinctive Characteristics
Added 20-year data retention subbullet.
Revision C+1 (May 18, 1999)
Removed preliminary designation from data sheet.
Revision C+2 (July 20, 1999)
Physical Dimensions
Corrected the unit of measurement for the 32-pin PLCC
to inches.
Revision D (November 11, 1999)
Global
Changed all references to 55R speed option (55 ns,
regulated voltage range) to 60R (60 ns, regulated
voltage range).
Physical Dimensions
Replaced all drawings with new versions.
AC Characteristics—Figure 12. Program
Operations Timing and Figure 13. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Revision D+1 (November 13, 2000)
Global
Added table of contents. Deleted burn-in option from
Ordering Information section.
Revision E (March 12, 2003)
Distinctive Characteristics
Corrected the values for the automatic sleep mode and
standby mode.
Command Definitions
Added new global text to first paragraph.
Byte/Word Program Command Sequence, Sector
Erase Command Sequence, and Chip Erase Com-
mand Sequence
Noted that the autoselect function is unavailable when
a program or erase operation is in progress.
Read Operations
Changed the tEHQZ and tGHQZ max to 16 ns for all
speed options.
Revision E+1 (June 11, 2004)
Ordering Information
Added Pb-free OPNs.
Revision E+2 (July 19, 2005)
Ordering Information
Added valid combination for Pb-free options.
Global
Added colophon and updated trademark statement.
Revision E+3 (January 31, 2006)
Global
Removed reverse TSOP option.
Revision E4 (October 11, 2006)
Global
Added notice on product availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com