Electronic Components Datasheet Search
  English  ▼

X  

AM29F200B Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29F200B
Description  2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F200B Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29F200B_06 Datasheet HTML 33Page - Advanced Micro Devices AM29F200B_06 Datasheet HTML 34Page - Advanced Micro Devices AM29F200B_06 Datasheet HTML 35Page - Advanced Micro Devices AM29F200B_06 Datasheet HTML 36Page - Advanced Micro Devices AM29F200B_06 Datasheet HTML 37Page - Advanced Micro Devices AM29F200B_06 Datasheet HTML 38Page - Advanced Micro Devices AM29F200B_06 Datasheet HTML 39Page - Advanced Micro Devices AM29F200B_06 Datasheet HTML 40Page - Advanced Micro Devices AM29F200B_06 Datasheet HTML 41Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
38
Am29F200B
21526D4 November 1, 2006
D A TA
SH EE T
REVISION SUMMARY
Revision A (July 1998)
Global
Made formatting and layout consistent with other data
sheets. Used updated common tables and diagrams
Revision B (January 1999)
Distinctive Characteristics
Added bullet for 20-year data retention at 125
°C
Ordering Information
Optional Processing: Deleted “B = Burn-in”.
DC Characteristics—TTL/NMOS Compatible
ICC1, ICC2, ICC3: Added Note 2 “Maximum ICC specifi-
cations are tested with VCC = VCCmax”.
DC Characteristics—CMOS Compatible
ICC1, ICC2, ICC3: Added Note 2 “Maximum ICC specifi-
cations are tested with VCC = VCCmax”.
AC Characteristics
Figure 15. Data# Polling Timings (During Embedded
Algorithms): Added text to note.
Figure 16. Toggle Bit Timings (During Embedded Algo-
rithms): Added text to note.
Revision B+2 (July 2, 1999)
Global
Added references to availability of device in Known
Good Die (KGD) form.
Revision C (November 12, 1999)
AC Characteristics—Figure 13. Program
Operations Timing and Figure 14. Chip/Sector
Erase Operations
Deleted tGHWL and changed OE# waveform to start at
high.
Physical Dimensions
Replaced figures with more detailed illustrations.
Revision D (November 29, 2000)
Added table of contents.
Ordering Information
Deleted burn-in option.
Revision D (November 29, 2000)
Added table of contents.
Ordering Information
Deleted burn-in option.
Revision D+1 (June 14, 2004)
Ordering Information
Added Pb-free OPNs.
Revision D+2 (February 16, 2006)
Global
Deleted TSR048 48-pin Reverse TSOP option.
Revision D3 (May 18, 2006)
Added “Not recommended for new designs” note.
AC Characteristics
Changed tBUSY specification to maximium value.
Revision D4 (November 1, 2006)
Deleted “Not recommended for new designs” note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com