Electronic Components Datasheet Search
  English  ▼

X  

LLE18100X Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LLE18100X
Description  NPN silicon planar epitaxial microwave power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LLE18100X Datasheet(HTML) 6 Page - NXP Semiconductors

  LLE18100X Datasheet HTML 1Page - NXP Semiconductors LLE18100X Datasheet HTML 2Page - NXP Semiconductors LLE18100X Datasheet HTML 3Page - NXP Semiconductors LLE18100X Datasheet HTML 4Page - NXP Semiconductors LLE18100X Datasheet HTML 5Page - NXP Semiconductors LLE18100X Datasheet HTML 6Page - NXP Semiconductors LLE18100X Datasheet HTML 7Page - NXP Semiconductors LLE18100X Datasheet HTML 8Page - NXP Semiconductors LLE18100X Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
November 1994
6
Philips Semiconductors
Product specification
NPN silicon planar epitaxial microwave
power transistor
LLE18100X
Fig.5 Class AB bias circuit at 1.85 GHz.
handbook, full pagewidth
MBC421 - 1
R1
R2
P1
D1
D2
R3
C1
C5
C6
+VCC
D.U.T.
0 V
TR1
L2
L1
PREMATCHINGTEST CIRCUIT
BIAS CIRCUIT
Fig.6 Load power as a function of input power.
VCE = 24 V
f = 1.85 GHz
handbook, halfpage
0
5
10
15
0
0.4
PL
(W)
0.8
PIN (W)
1.2
1.6
MRA543
ICQ = 100 mA
10 mA
3 mA
Fig.7
Intermodulation distortion as a function of
average output power.
VCE = 24 V
f = 1.85 GHz
handbook, halfpage
−45
−40
−35
−30
−25
−20
−15
02
4
dim
(dBc)
POUT (W)
68
MRA542
ICQ = 3 mA
30 mA
100 mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com