Electronic Components Datasheet Search
  English  ▼

X  

AM29PL160C Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # AM29PL160C
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29PL160C Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button AM29PL160C_06 Datasheet HTML 36Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 37Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 38Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 39Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 40Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 41Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 42Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 43Page - Advanced Micro Devices AM29PL160C_06 Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
May 9, 2006 22143C7
Am29PL160C
41
D A TA
SH EE T
REVISION SUMMARY
Revision A (August 1998)
Initial release.
Revision A+1 (September 1998)
Sector Protection/Unprotection
Added reference to Temporary Unprotect Enable/Dis-
able command sequence.
Common Flash Memory Interface (CFI)
Deleted reference to upper address bits in word mode.
Revision B (January 1999)
Ordering Information
Deleted commercial temperature rating.
DC Characteristics
Corrected ICC1 test condition for OE# to VIH.
Revision B+1 (February 1999)
DC Characteristics
Replaced TBDs for ICC4 with specifications.
Revision B+2 (March 5, 1999)
Distinctive Characteristics
In the first subbullet under the Flexible Sector Architec-
ture bullet, deleted the reference to “one 8 Kbyte”
sector.
Revision B+3 (May 14, 1999)
Global
Deleted the 60R speed option and added the 65R
speed option.
Common Flash Memory Interface (CFI)
Corrected the data for the following CFI hex addreses:
38, 39, 3C, 4C.
Absolute Maximum Ratings
Corrected the maximum rating for all other pins to +5.5
V.
Revision B+4 (June 25, 1999)
Changed data sheet status to preliminary. Deleted the
70 ns, full voltage range speed option.
Revision B+5 (July 26, 1999)
Global
Added the reverse pinout SO package. Deleted the
TSOP package.
Physical Dimensions
Restored section.
Revision B+6 (September 2, 1999)
Connection Diagrams
Corrected the pinouts of pins 1, 2, 43, and 44 on the
reverse SO diagram.
Revision B+7 (February 4, 2000)
Global
Added 48-pin TSOP.
Revision C (February 21, 2000)
Global
The “preliminary” designation has been removed from
the document. Parameters are now stable, and only
speed, package, and temperature range combinations
are expected to change in future data sheet revisions.
Added dash to ordering part numbers.
Revision C+1 (June 20, 2000)
Global
Deleted the SOR44 package. Deleted references to
top boot configuration.
Product Selector Guide, Ordering Information
Added -90R speed option.
Revision C+2 (June 28, 2000)
Command Definitions
Command Definitions table: Corrected address in the
sixth cycle of the chip erase command sequence from
2AA to AAA.
Revision C+3 (November 14, 2000)
Added table of contents.
Revision C+4 (June 12, 2002)
Global
Deleted references to hardware reset (RESET#) input.
Added reverse pinout SO package. Deleted 90R
speed option.
TSOP and SO Pin Capacitance
Added TSOP pin capacitance.
Revision C+5 (June 10, 2004)
Ordering Information
Added Pb-free package OPNs
Revision C+6 (February 16, 2006)
Global
Deleted 120 ns speed option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com