Electronic Components Datasheet Search
  English  ▼

X  

AM29LV160D Datasheet(PDF) 35 Page - Advanced Micro Devices

Part # AM29LV160D
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV160D Datasheet(HTML) 35 Page - Advanced Micro Devices

Back Button AM29LV160D Datasheet HTML 31Page - Advanced Micro Devices AM29LV160D Datasheet HTML 32Page - Advanced Micro Devices AM29LV160D Datasheet HTML 33Page - Advanced Micro Devices AM29LV160D Datasheet HTML 34Page - Advanced Micro Devices AM29LV160D Datasheet HTML 35Page - Advanced Micro Devices AM29LV160D Datasheet HTML 36Page - Advanced Micro Devices AM29LV160D Datasheet HTML 37Page - Advanced Micro Devices AM29LV160D Datasheet HTML 38Page - Advanced Micro Devices AM29LV160D Datasheet HTML 39Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
22358B7 May 5, 2006
Am29LV160D
33
DA TA
SH EET
TEST CONDITIONS
Table 11.
Test Specifications
Key to Switching Waveforms
2.7 k
Ω
CL
6.2 k
Ω
3.3 V
Device
Under
Test
Figure 11.
Test Setup
Note: Diodes are IN3064 or equivalent
Test Condition
-70
-90, -120
Unit
Output Load
1 TTL gate
Output Load Capacitance, CL
(including jig capacitance)
30
100
pF
Input Rise and Fall Times
5
ns
Input Pulse Levels
0.0–3.0
V
Input timing measurement
reference levels
1.5
V
Output timing measurement
reference levels
1.5
V
WAVEFORM
INPUTS
OUTPUTS
Steady
Changing from H to L
Changing from L to H
Don’t Care, Any Change Permitted
Changing, State Unknown
Does Not Apply
Center Line is High Impedance State (High Z)
3.0 V
0.0 V
1.5 V
1.5 V
Output
Measurement Level
Input
Figure 12.
Input Waveforms and Measurement Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com